Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1049B Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1049B
Description  512K x 8 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1049B Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1049B Datasheet HTML 1Page - Cypress Semiconductor CY7C1049B Datasheet HTML 2Page - Cypress Semiconductor CY7C1049B Datasheet HTML 3Page - Cypress Semiconductor CY7C1049B Datasheet HTML 4Page - Cypress Semiconductor CY7C1049B Datasheet HTML 5Page - Cypress Semiconductor CY7C1049B Datasheet HTML 6Page - Cypress Semiconductor CY7C1049B Datasheet HTML 7Page - Cypress Semiconductor CY7C1049B Datasheet HTML 8Page - Cypress Semiconductor CY7C1049B Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CY7C1049B
Document #: 38-05169 Rev. *A
Page 4 of 10
Switching Characteristics[4] Over the Operating Range
7C1049B-12
7C1049B-15
7C1049B-17
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Read Cycle
tpower
VCC(typical) to the First Access
[5]
11
1
ms
tRC
Read Cycle Time
12
15
17
ns
tAA
Address to Data Valid
12
15
17
ns
tOHA
Data Hold from Address Change
3
3
3
ns
tACE
CE LOW to Data Valid
12
15
17
ns
tDOE
OE LOW to Data Valid
6
7
8
ns
tLZOE
OE LOW to Low Z[7]
00
0
ns
tHZOE
OE HIGH to High Z[6, 7]
67
7
ns
tLZCE
CE LOW to Low Z[7]
33
3
ns
tHZCE
CE HIGH to High Z[6, 7]
67
7
ns
tPU
CE LOW to Power-Up
0
0
0
ns
tPD
CE HIGH to Power-Down
12
15
17
ns
Write Cycle[8, 9]
tWC
Write Cycle Time
12
15
17
ns
tSCE
CE LOW to Write End
10
12
12
ns
tAW
Address Set-Up to Write End
10
12
12
ns
tHA
Address Hold from Write End
0
0
0
ns
tSA
Address Set-Up to Write Start
0
0
0
ns
tPWE
WE Pulse Width
10
12
12
ns
tSD
Data Set-Up to Write End
7
8
8
ns
tHD
Data Hold from Write End
0
0
0
ns
tLZWE
WE HIGH to Low Z[7]
33
3
ns
tHZWE
WE LOW to High Z[6, 7]
67
8
ns
Notes:
4.
Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 30-pF load capacitance.
5.
This part has a voltage regulator which steps down the voltage from 5V to 3.3V internally. tpower time has to be provided initially before a read/write operation
is started.
6.
tHZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
7.
At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
8.
The internal write time of the memory is defined by the overlap of CE LOW, and WE LOW. CE and WE must be LOW to initiate a write, and the transition of either of
these signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the write.
9.
The minimum write cycle time for Write Cycle no. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.


Similar Part No. - CY7C1049B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049B CYPRESS-CY7C1049B Datasheet
293Kb / 9P
   512K x 8 Static RAM
CY7C1049B-12VC CYPRESS-CY7C1049B-12VC Datasheet
293Kb / 9P
   512K x 8 Static RAM
CY7C1049B-12VXC CYPRESS-CY7C1049B-12VXC Datasheet
293Kb / 9P
   512K x 8 Static RAM
CY7C1049B-15VC CYPRESS-CY7C1049B-15VC Datasheet
293Kb / 9P
   512K x 8 Static RAM
CY7C1049B-15VI CYPRESS-CY7C1049B-15VI Datasheet
293Kb / 9P
   512K x 8 Static RAM
More results

Similar Description - CY7C1049B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049 CYPRESS-CY7C1049 Datasheet
128Kb / 10P
   512K x 8 Static RAM
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
   512K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS4008V1C WEIDA-WCFS4008V1C Datasheet
201Kb / 9P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN_09 Datasheet
443Kb / 10P
   512K x 8 Static RAM
CY7C1049BNV33 CYPRESS-CY7C1049BNV33 Datasheet
421Kb / 8P
   512K x 8 Static RAM
CY62148B CYPRESS-CY62148B Datasheet
189Kb / 11P
   512K x 8 Static RAM
logo
Honeywell Solid State E...
HX6408 HONEYWELL-HX6408 Datasheet
167Kb / 11P
   512k x 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33 Datasheet
195Kb / 9P
   512K x 8 Static RAM
logo
List of Unclassifed Man...
WCMA4008C1X ETC1-WCMA4008C1X Datasheet
176Kb / 10P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN Datasheet
455Kb / 10P
   512K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com