Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M5M512R88DJ-10 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. M5M512R88DJ-10
Description  1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M5M512R88DJ-10 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
M5M512R88DJ-10,-12,-15
MITSUBISHI LSIs
1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM
MITSUBISHI
ELECTRIC
1
PRELIMINARY
data
outputs
PIN CONFIGURATION (TOP VIEW)
Notice: This is not a final specification.
Some parametric limits are subject to change
1998.6.18 Ver.A
DESCRIPTION
The M5M512R88DJ is a family of 131072-word by 8-bit
static RAMs, fabricated with the high performance CMOS
silicon gate process and designed for high speed
application.
These devices operate on a single 3.3V supply, and are
directly TTL compatible. They include a power down
feature as well.
APPLICATION
High-speed memory units
FEATURES
•Fast access time
M5M512R88DJ-10 ... 10ns(max)
M5M512R88DJ-12 ... 12ns(max)
M5M512R88DJ-15 ... 15ns(max)
•Low power dissipation
Active .................... 297mW(typ)
•Single +3.3V power supply
•Fully static operation : No clocks, No refresh
•Common data I/O
•Easy memory expansion by S
•Three-state outputs : OR-tie capability
•OE prevents data contention in the I/O bus
•Directly TTL compatible : All inputs and outputs
COLUMN
ADDRESS
DECODERS
A16
A15
A14
A13
A12
A11
A10
A9
19 20 21 29 30
18
31 32
A5
A8
A7
A6
A4
A3
A2
A1
A0
1
2
3
4
13
14
15
16
17
S
5
OE 28
W
12
DQ8
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
6
7
10
11
22
23
26
27
COLUMN I/O CIRCUITS
COLUMN INPUT BUFFERS
VCC
24
GND
9
8
25
MEMORY ARRAY
512 ROWS
2048 COLUMNS
COLUMN ADDRESS
DECODERS
(3.3V)
(0V)
BLOCK DIAGRAM
address
inputs
address
inputs
data
inputs/
outputs
data
inputs/
outputs
data
inputs/
outputs
data
inputs/
outputs
inputs/
write control
input
chip select
input
output enable
input
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A0
A1
A2
A6
A5
A7
A3
DQ1
32
31
30
29
28
27
26
25
24
23
22
21
20
19
A13
A14
W
A11
A8
A10
A9
OE
A12
S
DQ5
DQ7
DQ6
A15
A16
DQ2
DQ3
DQ4
DQ8
A4
18
17
GND
GND
address
inputs
address
inputs
address
inputs
address
inputs
VCC
VCC
(0V)
(0V)
(3.3V)
(3.3V)
PACKAGE
M5M512R88DJ
: 32pin 400mil SOJ
Outline
32P0K


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn