Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M5M512R88DJ-10 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. M5M512R88DJ-10
Description  1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M512R88DJ-10 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M5M512R88DJ-10 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M512R88DJ-10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M512R88DJ-10 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M512R88DJ-10 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M512R88DJ-10 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M512R88DJ-10 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
M5M512R88DJ-10,-12,-15
MITSUBISHI LSIs
1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM
MITSUBISHI
ELECTRIC
CI
CO
Input capacitance
Output capacitance
V I =GND, V I =25mVrms,f=1MHz
V O=GND, V O=25mVrms,f=1MHz
6
8
pF
pF
CAPACITANCE (Ta=0~70°C, Vcc=3.3V
,unless otherwise noted)
Symbol
Parameter
Limit
Max
Typ
Min
Test Condition
Unit
AC ELECTRICAL CHARACTERISTICS (Ta=0~70°C, Vcc=3.3V
,unless otherwise noted)
3
Input pulse levels
.................................... VIH=3.0V, VIL=0.0V
Input rise and fall time
.................................................... 3ns
Input timing reference levels
........................ VIH=1.5V, VIL=1.5V
Output timing reference levels
................. VOH =1.5V, VOL=1.5V
Output loads
........................................................ Fig.1,Fig.2
(1)MEASUREMENT CONDITION
5.0V
DQ
480
255
Fig.2 Output load for t , t
en
dis
5pF
(including
scope and JIG)
Fig.1 Output load
Note 2: CI,CO are periodically sampled and are not 100% tested.
+10%
-5%
+10%
-5%
DQ
RL=50
VL=1.5V
Z0=50
OUTPUT


Similar Part No. - M5M512R88DJ-10

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M51008BFP MITSUBISHI-M5M51008BFP Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008BFP-10VL MITSUBISHI-M5M51008BFP-10VL Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008BFP-10VLL MITSUBISHI-M5M51008BFP-10VLL Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008BFP-12VL MITSUBISHI-M5M51008BFP-12VL Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008BFP-12VLL MITSUBISHI-M5M51008BFP-12VLL Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results

Similar Description - M5M512R88DJ-10

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
Renesas Technology Corp
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008DFP MITSUBISHI-M5M51008DFP Datasheet
70Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008BFP MITSUBISHI-M5M51008BFP Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108CFP-70H MITSUBISHI-M5M5V108CFP-70H Datasheet
86Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
Renesas Technology Corp
Renesas Technology Corp
M5M51008DFP RENESAS-M5M51008DFP Datasheet
120Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M5V108CFP-70HI MITSUBISHI-M5M5V108CFP-70HI Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M28F101AFP MITSUBISHI-M5M28F101AFP Datasheet
96Kb / 10P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
M5M5V216ATP MITSUBISHI-M5M5V216ATP Datasheet
111Kb / 7P
   2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz