Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK2070 Datasheet(PDF) 10 Page - Tripath Technology Inc.

Part # TK2070
Description  STEREO 70W (4Ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TK2070 Datasheet(HTML) 10 Page - Tripath Technology Inc.

Back Button TK2070 Datasheet HTML 6Page - Tripath Technology Inc. TK2070 Datasheet HTML 7Page - Tripath Technology Inc. TK2070 Datasheet HTML 8Page - Tripath Technology Inc. TK2070 Datasheet HTML 9Page - Tripath Technology Inc. TK2070 Datasheet HTML 10Page - Tripath Technology Inc. TK2070 Datasheet HTML 11Page - Tripath Technology Inc. TK2070 Datasheet HTML 12Page - Tripath Technology Inc. TK2070 Datasheet HTML 13Page - Tripath Technology Inc. TK2070 Datasheet HTML 14Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
10
TK2070 – MC/2.1/10-03
TYPICAL PERFORMANCE CHARACTERISTICS
THD+N vs Output Power
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
1
100
2
5
10
20
50
Output Power (W)
f = 1kHz
R
L = 4 Ω
VCC = 24V
BW = 22Hz-20kHz
AES 17 Filter
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
2
50
3
4
5
6 7 8 9 10
20
30
40
THD+N vs Output Power
Output Power (W)
1
f = 1kHz
R
L = 8 Ω
VCC = 24V
BW = 22Hz-20kHz
AES 17 Filter
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
THD+N vs Frequency
VCC = 24V
POUT = 10W/Channel
R
L = 8 Ω
BW = 22Hz-20kHz
AES 17 Filter
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50
100
200
500
1k
2k
5k
10k
THD+N vs Frequency
Frequency (Hz)
VCC = 24V
POUT = 10W/Channel
R
L = 4Ω
BW = 22Hz-20kHz
AES 17 Filter
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
60
30k
100
200
500
1k
2k
5k
10k
20k
Frequency (Hz)
Intermodulation Distortion
VCC = 24V
POUT = 10W/Channel
R
L = 4Ω
19kHz, 20kHz 1:1
0dB = 6.3Vrms
BW = 22Hz-20kHz
60
30k
100
200
500
1k
2k
5k
10k
20k
Frequency (Hz)
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
VCC = 24V
POUT = 10W/Channel
R
L = 8Ω
19kHz, 20kHz 1:1
0dB = 9Vrms
BW = 22Hz-20kHz
Intermodulation Distortion


Similar Part No. - TK2070

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
TK200 CADDOCK-TK200 Datasheet
371Kb / 2P
   Type TK Low TC Precision Radial-Lead Film Resistors
logo
Toshiba Semiconductor
TK200F04N1L TOSHIBA-TK200F04N1L Datasheet
306Kb / 11P
   Silicon N-channel MOS (U-MOS-H)
2020-06-24 Rev.8.0
logo
Tripath Technology Inc.
TK2019 TRIPATH-TK2019 Datasheet
414Kb / 21P
   STEREO 20W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
TK2050 TRIPATH-TK2050 Datasheet
400Kb / 19P
   STEREO 50W (8OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
TK2051 TRIPATH-TK2051 Datasheet
462Kb / 19P
   STEREO 50W (8廓) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP)
More results

Similar Description - TK2070

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TA2021B TRIPATH-TA2021B Datasheet
268Kb / 12P
   STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
   STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TC2000 TRIPATH-TC2000 Datasheet
202Kb / 9P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TCA2002 TRIPATH-TCA2002 Datasheet
257Kb / 18P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TK2051 TRIPATH-TK2051 Datasheet
462Kb / 19P
   STEREO 50W (8廓) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP)
RB-TA3020-1 TRIPATH-RB-TA3020-1 Datasheet
831Kb / 20P
   CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com