Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TK2070 Datasheet(PDF) 1 Page - Tripath Technology Inc.

Part No. TK2070
Description  STEREO 70W (4Ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TK2070 Datasheet(HTML) 1 Page - Tripath Technology Inc.

  TK2070 Datasheet HTML 1Page - Tripath Technology Inc. TK2070 Datasheet HTML 2Page - Tripath Technology Inc. TK2070 Datasheet HTML 3Page - Tripath Technology Inc. TK2070 Datasheet HTML 4Page - Tripath Technology Inc. TK2070 Datasheet HTML 5Page - Tripath Technology Inc. TK2070 Datasheet HTML 6Page - Tripath Technology Inc. TK2070 Datasheet HTML 7Page - Tripath Technology Inc. TK2070 Datasheet HTML 8Page - Tripath Technology Inc. TK2070 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
1
TK2070 – MC/2.1/10-03
TK2070
STEREO 70W (4
Ω) CLASS-T™ DIGITAL AUDIO AMPLIFIER
DRIVER USING DIGITAL POWER PROCESSING (DPP™)
TECHNOLOGY
Preliminary Information
Rev i sion 2.1 – October 2003
GENERAL DESCRIPTION
The TK2070 (TC2001/TPS1035 chipset) is a bridged stereo 70W continuous average power per
channel, Class-T Digital Audio Power Amplifier using Tripath’s proprietary Digital Power Processing
TM
technology. The TK2070 chipset consists of 1 TC2001 and 4 TPS1035’s to obtain a bridged stereo
configuration. Class-T amplifiers offer both the audio fidelity of Class-AB and the power efficiency of
Class-D amplifiers.
APPLICATIONS
5.1-Channel DVD
Mini/Micro Component Systems
Home Theater
Stereo applications (4Ω / 8Ω)
Powered Subwoofer
BENEFITS
Single Supply Operation
Very High Efficiency
Wide Dynamic Range
Compact layout
FEATURES
Class-T Architecture
High Output power
70W @ 4
Ω, 10% THD+N Bridged
40W @ 8
Ω, 10% THD+N Bridged
Audiophile Quality Sound
0.03% THD+N @ 35W 4
Ω Bridged
0.03% THD+N @ 25W 8
Ω Bridged
High Efficiency
86% @ 70W 4Ω Bridged
92% @ 40W 8Ω Bridged
Dynamic Range >100 dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TA2021B STEREO 25W 4OHM CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TDA2500 STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TA0102A STEREO 150W 4Ω CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TA0103A Stereo 250W 4Ω Class-T Digital Audio Amplifier Driver using Digital Power Processing DPPTM Technology 1  2  3  4  5  More Tripath Technology Inc.
TK2051 STEREO 50W 8Ω CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP 1  2  3  4  5  More Tripath Technology Inc.
TA0104A STEREO 500W 4Ω CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TA0105A STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TK2150 STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TDA2075A STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TDA2125A STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY 1  Tripath Technology Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn