Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3973DV-T1-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI3973DV-T1-E3
Description  Dual P-Channel 12-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3973DV-T1-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI3973DV-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI3973DV-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI3973DV-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI3973DV-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI3973DV-T1-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFET
APPLICATIONS
D Portable
− PA Switch
− Load Switch
Si3973DV
Vishay Siliconix
New Product
Document Number: 72337
S-40575—Rev. D, 29-Mar-04
www.vishay.com
1
Dual P-Channel 12-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.087 @ VGS = −4.5 V
−2.7
−12
0.120 @ VGS = −2.5 V
−2.3
0.165 @ VGS = −1.8 V
−1.5
TSOP-6
Top View
6
4
1
2
3
5
2.85 mm
3 mm
D2
G2
S1
S2
D1
G1
S1
G1
D1
P-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
Ordering Information: Si3973DV-T1—E3
Marking Code: MBxxx
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
−12
V
Gate-Source Voltage
VGS
"8
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
−2.7
−2.4
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
−2.2
−1.9
A
Pulsed Drain Current
IDM
−7
A
Continuous Source Current (Diode Conduction)a
IS
−1.05
−0.75
Maximum Power Dissipationa
TA = 25_C
PD
1.15
0.83
W
Maximum Power Dissipationa
TA = 70_C
PD
0.73
0.53
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 5 sec
R
93
110
Maximum Junction-to-Ambienta
Steady State
RthJA
130
150
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
75
90
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Similar Part No. - SI3973DV-T1-E3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI3973DV-T1-GE3 VBSEMI-SI3973DV-T1-GE3 Datasheet
520Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results

Similar Description - SI3973DV-T1-E3

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM6923P ANALOGPOWER-AM6923P Datasheet
186Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4933DY VISHAY-SI4933DY Datasheet
44Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 25-Nov-02
SI1917EDH VISHAY-SI1917EDH_V01 Datasheet
119Kb / 6P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI4933DY VISHAY-SI4933DY_V01 Datasheet
110Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN_V01 Datasheet
91Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA975DJ VISHAY-SIA975DJ_V01 Datasheet
356Kb / 9P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN Datasheet
185Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. C, 27-Jun-05
SI6913DQ-T1-E3 VISHAY-SI6913DQ-T1-E3 Datasheet
222Kb / 11P
   Dual P-Channel 12 V (D-S) MOSFET
Rev. C, 11-Jun-12
SI6913DQ VISHAY-SI6913DQ Datasheet
79Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI5943DU VISHAY-SI5943DU Datasheet
272Kb / 3P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 24-Jul-06
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com