Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WH0603A050CGB100N Datasheet(PDF) 17 Page - WALSIN TECHNOLOGY CORPORATION

Part # WH0603A050CGB100N
Description  For ESD Protection at High Speed Application
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WH0603A050CGB100N Datasheet(HTML) 17 Page - WALSIN TECHNOLOGY CORPORATION

Back Button WH0603A050CGB100N Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION WH0603A050CGB100N Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION WH0603A050CGB100N Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION WH0603A050CGB100N Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION WH0603A050CGB100N Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION WH0603A050CGB100N Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION WH0603A050CGB100N Datasheet HTML 19Page - WALSIN TECHNOLOGY CORPORATION WH0603A050CGB100N Datasheet HTML 20Page - WALSIN TECHNOLOGY CORPORATION WH0603A050CGB100N Datasheet HTML 21Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Approval sheet
Page 3 of 7
ASC_VH0603 Green Series- V08
Aug.2018
DEVICE RATING AND SPECIFICATIONS
General Vairstor
Part Number
MAXIMUM RATINGS
SPECIFICATIONS
Max.
Continuous
Working
Voltage
Max. Clamping
Voltage at
Specified Current
(8/20μs)
Nominal Voltage At 1mA
(DC) Current
Typical Capacitance
@1MHz
VM(DC)
Vc
VN(DC)Min.
VN(DC)Max.
C
(V)
(V)
(V)
(V)
(pF)
%
VH0603M050CGT100N
5.5
40 at 1A
11
21
10
±30%
VH0603M050CGT330N
5.5
38 at 1A
11
21
33
±30%
VH0603M050CGT470N
5.5
37 at 1A
9
19
47
±30%
VH0603M050CGT101N
5.5
36 at 1A
9
19
100
±30%
VH0603M050CGT331N
5.5
32 at 1A
8
18
330
±30%
VH0603M050CGT102N
5.5
30 at 1A
8
18
1000
±30%
VH0603M120CGT220N
12
46 at 1A
15
25
22
±30%
VH0603M120CGT151N
12
44 at 1A
15
25
150
±30%
VH0603M120CGT331N
12
42 at 1A
15
25
330
±30%
TANDARD TESTING CONDITION
Unless otherwise specified
 Temperature:15 ~ 35
C
 Humidity:25%RH ~ 85%RH
 Atmospheric pressure:86kPa ~ 106kPa


Similar Part No. - WH0603A050CGB100N

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WH060300 SUPERWORLD-WH060300 Datasheet
140Kb / 3P
   Linear Adaptors
logo
Littelfuse
WH0603ML090T LITTELFUSE-WH0603ML090T Datasheet
104Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressors for High Speed Applications
WH0603ML180W LITTELFUSE-WH0603ML180W Datasheet
104Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressors for High Speed Applications
WH0603ML420R LITTELFUSE-WH0603ML420R Datasheet
104Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressors for High Speed Applications
More results

Similar Description - WH0603A050CGB100N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4285CZ9-TBB NXP-IP4285CZ9-TBB_13 Datasheet
501Kb / 12P
   ESD protection for high-speed interfaces
Rev. 3-7 April 2014
logo
Nexperia B.V. All right...
IP4285CZ6-TY NEXPERIA-IP4285CZ6-TY Datasheet
653Kb / 12P
   ESD protection for high-speed interfaces
IP4369CX4 NEXPERIA-IP4369CX4 Datasheet
1Mb / 15P
   ESD protection for high-speed interfaces
logo
SeCoS Halbleitertechnol...
SGESD2201 SECOS-SGESD2201_15 Datasheet
232Kb / 3P
   ESD Protection for high-speed interfaces
logo
Nexperia B.V. All right...
IP4282CZ6 NEXPERIA-IP4282CZ6 Datasheet
174Kb / 10P
   ESD protection for high-speed interfaces
Rev. 01 - 30 March 2009
logo
STMicroelectronics
DSILC6-4XX STMICROELECTRONICS-DSILC6-4XX Datasheet
354Kb / 11P
   ESD Protection for high speed interface
logo
NXP Semiconductors
IP4242CZ6 NXP-IP4242CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-12 March 2009
IP4282CZ6 NXP-IP4282CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-30 March 2009
logo
SeCoS Halbleitertechnol...
SBESD9N5C SECOS-SBESD9N5C Datasheet
286Kb / 3P
   ESD Protection for high-speed interfaces
KS05UL5 SECOS-KS05UL5_15 Datasheet
313Kb / 3P
   ESD Protection for high-speed interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com