Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V400HJ6 Datasheet(PDF) 11 Page - Chi Mei Corporation.

Part # V400HJ6
Description  V400HJ6-PE1 is a 40??TFT Liquid Crystal Display TV product with driver ICs and 2ch-LVDS interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIMEI [Chi Mei Corporation.]
Direct Link  http://www.chimeicorp.com/en-us/
Logo CHIMEI - Chi Mei Corporation.

V400HJ6 Datasheet(HTML) 11 Page - Chi Mei Corporation.

Back Button V400HJ6 Datasheet HTML 7Page - Chi Mei Corporation. V400HJ6 Datasheet HTML 8Page - Chi Mei Corporation. V400HJ6 Datasheet HTML 9Page - Chi Mei Corporation. V400HJ6 Datasheet HTML 10Page - Chi Mei Corporation. V400HJ6 Datasheet HTML 11Page - Chi Mei Corporation. V400HJ6 Datasheet HTML 12Page - Chi Mei Corporation. V400HJ6 Datasheet HTML 13Page - Chi Mei Corporation. V400HJ6 Datasheet HTML 14Page - Chi Mei Corporation. V400HJ6 Datasheet HTML 15Page - Chi Mei Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
PRODUCT SPECIFICATION
Version 2.0
11
Date : Jun.06 2016
The copyright belongs to InnoLux. Any unauthorized use is prohibited
4. INPUT TERMINAL PIN ASSIGNMENT
4.1 TFT LCD OPEN CELL INPUT
CNF1 Connector Pin Assignment: [187059-51221 (P-Two), WF23-402-5133(FCN)]
Matting connector : [FI-RE51HL(JAE)]
Pin
Name
Description
Note
1
NC
No connection
(2)
2
SCL
I2C clock (For Vcom tunning)
3
SDA
I2C data (For Vcom tunning)
4
NC
No connection
5
NC
No connection
6
NC
No connection
(2)
7
SELLVDS
LVDS data format Selection
(3)(4)
8
NC
No Connection
9
NC
No Connection
10
NC
No connection
(2)
11
GND
Ground
12
ORX0-
Odd pixel Negative LVDS differential data input. Channel 0
13
ORX0+
Odd pixel Positive LVDS differential data input. Channel 0
14
ORX1-
Odd pixel Negative LVDS differential data input. Channel 1
15
ORX1+
Odd pixel Positive LVDS differential data input. Channel 1
16
ORX2-
Odd pixel Negative LVDS differential data input. Channel 2
17
ORX2+
Odd pixel Positive LVDS differential data input. Channel 2
(5)
18
GND
Ground
19
OCLK-
Odd pixel Negative LVDS differential clock input.
20
OCLK+
Odd pixel Positive LVDS differential clock input.
(5)
21
GND
Ground
22
ORX3-
Odd pixel Negative LVDS differential data input. Channel 3
23
ORX3+
Odd pixel Positive LVDS differential data input. Channel 3
(5)
24
N.C.
No Connection
25
N.C.
No Connection
26
N.C.
No Connection
27
N.C.
No Connection
(2)
28
ERX0-
Even pixel Negative LVDS differential data input. Channel 0
29
ERX0+
Even pixel Positive LVDS differential data input. Channel 0
30
ERX1-
Even pixel Negative LVDS differential data input. Channel 1
31
ERX1+
Even pixel Positive LVDS differential data input. Channel 1
32
ERX2-
Even pixel Negative LVDS differential data input. Channel 2
33
ERX2+
Even pixel Positive LVDS differential data input. Channel 2
(5)
34
GND
Ground
35
ECLK-
Even pixel Negative LVDS differential clock input
36
ECLK+
Even pixel Positive LVDS differential clock input
(5)
37
GND
Ground
38
ERX3-
Even pixel Negative LVDS differential data input. Channel 3
39
ERX3+
Even pixel Positive LVDS differential data input. Channel 3
(5)
40
N.C.
No Connection
41
N.C.
No Connection
42
N.C.
No Connection
43
N.C.
No Connection
(2)
44
GND
Ground
45
GND
Ground
46
GND
Ground


Similar Part No. - V400HJ6

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
V400 SYSTEMSENSOR-V400 Datasheet
127Kb / 2P
   Speakers
logo
Toshiba Semiconductor
V40000020 TOSHIBA-V40000020 Datasheet
4Mb / 63P
   COLOURTELEVISION
2003
V40000082 TOSHIBA-V40000082 Datasheet
4Mb / 63P
   COLOURTELEVISION
2003
V40000084 TOSHIBA-V40000084 Datasheet
4Mb / 63P
   COLOURTELEVISION
2003
V40000127 TOSHIBA-V40000127 Datasheet
4Mb / 63P
   COLOURTELEVISION
2003
More results

Similar Description - V400HJ6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N156BGE-P21 ETC2-N156BGE-P21 Datasheet
484Kb / 27P
   N156B6-P0B is a 15.6 (15.547 diagonal) TFT Liquid Crystal Display with LED Driver ICs and a 40-pins-and-1ch-LVDS circuit board.
N156HGE-LB1 ETC2-N156HGE-LB1 Datasheet
733Kb / 36P
   N156HGE-LB1 is a 15.6 TFT Liquid Crystal Display module with LED Backlight unit and 40 pins LVDS interface
N140BGE-L23 ETC2-N140BGE-L23 Datasheet
2Mb / 35P
   14.0 TFT Liquid Crystal Display module with LED Backlight unit and 40 pins LVDS interface.
logo
Chi Mei Corporation.
N156B6-L0B CHIMEI-N156B6-L0B Datasheet
857Kb / 33P
   15.6 TFT Liquid Crystal Display moudule with LED Backlight unit and 40 pins LVDS interface.
logo
List of Unclassifed Man...
M195FGE-L20 ETC2-M195FGE-L20 Datasheet
969Kb / 35P
   M195FGE-L20 is a 19.5?쒿FT Liquid Crystal Display module with WLED Backlight unit and 30 pins 2ch-LVDS interface
V236BJ1-LE2 ETC2-V236BJ1-LE2 Datasheet
593Kb / 34P
   V236BJ1-LE2 is a 23.6 TFT Liquid Crystal Display module with WLED Backlight unit and 30 pins 1ch-LVDS interface.
logo
Mitsumi Electronics, Co...
MM1288CQ MITSUMI-MM1288CQ Datasheet
323Kb / 11P
   TFT Liquid Crystal Interface
logo
List of Unclassifed Man...
V390DK1-LS1 ETC2-V390DK1-LS1 Datasheet
1Mb / 50P
   TFT Liquid Crystal Display
logo
Chi Mei Corporation.
N140HGE CHIMEI-N140HGE Datasheet
3Mb / 44P
   N140HGE-EAA is a 14.0??TFT Liquid Crystal Display module with LED Backlight unit and 30 pins eDP interface
logo
Toshiba Semiconductor
LTM15C441 TOSHIBA-LTM15C441 Datasheet
140Kb / 8P
   LIQUID CRYSTAL DISPLAY PRODUCT INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com