Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VH0402A240CGB100N Datasheet(PDF) 14 Page - WALSIN TECHNOLOGY CORPORATION

Part # VH0402A240CGB100N
Description  For ESD Protection at High Speed Application
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

VH0402A240CGB100N Datasheet(HTML) 14 Page - WALSIN TECHNOLOGY CORPORATION

Back Button VH0402A240CGB100N Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION VH0402A240CGB100N Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION VH0402A240CGB100N Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION VH0402A240CGB100N Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION VH0402A240CGB100N Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION VH0402A240CGB100N Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION VH0402A240CGB100N Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION VH0402A240CGB100N Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION VH0402A240CGB100N Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Approval sheet
Page 7 of 7
ASC_VH0402 Green Series- V22
Aug.2018
CAUTION OF HANDLING
Limitation of Applications
Please contact us before using our products for the applications listed below which require especially high
reliability for the prevention of defects, which might directly cau
se damage to the third party’s life, body or
property.
(1) Aircraft equipment
(2) Aerospace equipment
(3) Undersea equipment
(4) Medical equipment
(5) Traffic signal equipment
(6) Applications of similar complexity and /or reliability requirements to the applications listed in the
above.
Storage condition
(1) Products should be used in 6 months from the day of WALSIN outgoing inspection, which can be
confirmed.
(2) Storage environment condition.
Products should be storage in the warehouse on the following conditions.
Temperature
: -10 to +40
C
Humidity
: 30 to 70% relative humidity
Don’t keep products in corrosive gases such as sulfur. Chlorine gas or acid or it may cause
oxidization of electrode, resulting in poor solderability.
Products should be storage on the palette for the prevention of the influence from humidity,
dust and son on.
Products should be storage in the warehouse without heat shock, vibration, direct sunlight and
so on.
Products should be storage under the airtight packaged condition.


Similar Part No. - VH0402A240CGB100N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VH048 ETC1-VH048 Datasheet
261Kb / 2P
   6 Amp Epoxy Bridge Rectifiers
logo
New Jersey Semi-Conduct...
VH048 NJSEMI-VH048 Datasheet
93Kb / 1P
   6 Amp Epoxy Bridge Rectifiers
logo
List of Unclassifed Man...
VH048H ETC1-VH048H Datasheet
176Kb / 2P
   High Efficiency Rectifier Bridges 1 Amp
More results

Similar Description - VH0402A240CGB100N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4285CZ9-TBB NXP-IP4285CZ9-TBB_13 Datasheet
501Kb / 12P
   ESD protection for high-speed interfaces
Rev. 3-7 April 2014
logo
Nexperia B.V. All right...
IP4285CZ6-TY NEXPERIA-IP4285CZ6-TY Datasheet
653Kb / 12P
   ESD protection for high-speed interfaces
IP4369CX4 NEXPERIA-IP4369CX4 Datasheet
1Mb / 15P
   ESD protection for high-speed interfaces
logo
SeCoS Halbleitertechnol...
SGESD2201 SECOS-SGESD2201_15 Datasheet
232Kb / 3P
   ESD Protection for high-speed interfaces
logo
Nexperia B.V. All right...
IP4282CZ6 NEXPERIA-IP4282CZ6 Datasheet
174Kb / 10P
   ESD protection for high-speed interfaces
Rev. 01 - 30 March 2009
logo
STMicroelectronics
DSILC6-4XX STMICROELECTRONICS-DSILC6-4XX Datasheet
354Kb / 11P
   ESD Protection for high speed interface
logo
NXP Semiconductors
IP4242CZ6 NXP-IP4242CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-12 March 2009
IP4282CZ6 NXP-IP4282CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-30 March 2009
logo
SeCoS Halbleitertechnol...
SBESD9N5C SECOS-SBESD9N5C Datasheet
286Kb / 3P
   ESD Protection for high-speed interfaces
KS05UL5 SECOS-KS05UL5_15 Datasheet
313Kb / 3P
   ESD Protection for high-speed interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com