Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1617 Datasheet(PDF) 11 Page - ON Semiconductor

Part # MAX1617
Description  SMBus Temperature Sensor with Internal and External Diode Input
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAX1617 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MAX1617 Datasheet HTML 4Page - ON Semiconductor MAX1617 Datasheet HTML 5Page - ON Semiconductor MAX1617 Datasheet HTML 6Page - ON Semiconductor MAX1617 Datasheet HTML 7Page - ON Semiconductor MAX1617 Datasheet HTML 8Page - ON Semiconductor MAX1617 Datasheet HTML 9Page - ON Semiconductor MAX1617 Datasheet HTML 10Page - ON Semiconductor MAX1617 Datasheet HTML 11Page - ON Semiconductor MAX1617 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MAX1617
http://onsemi.com
11
Status Register (Status)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
Busy
Flag1
Flag2
Flag3
Flag4
Flag5
Flag6
Re-
served
Bit(s)
POR
State
Function
Operation*
D[7]
0
Signal A/D
converter is busy.
1 = A/D busy,
0 = A/D idle
D[6]
0
Interrupt flag for
INT_HLIM event
1 = interrupt occurred,
0 = none
D[5]
0
Interrupt flag for
INT_LLIM event
1 = interrupt occurred,
0 = none
D[4]
0
Interrupt flag for
EXT_HLIM event
1 = interrupt occurred,
0 = none
D[3]
0
Interrupt flag for
EXT_LLIM event
1 = interrupt occurred,
0 = none
D[2]
0
External diode
“fault” flag
1 = external diode fault
0 = external diode OK
D[1:0]
0
Reserved —
Always returns
zero.
N/A
NOTE: All status bits are cleared after a read operation is
performed on STATUS. The EXT_TEMP register will read +127
°C
if an external diode “open” is detected.
Manufacturer’s Identification Register (MFR_ID),
8–Bits, Read Only:
Manufacturer’s Identification Register (MFR_ID)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
MSB
X
X
X
X
X
X
LSB
Manufacturer’s Revision Register (MFR_REV),
8–Bits, Read Only:
Manufacturer’s Revision Register (MFR_REV)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
MSB
X
X
X
X
X
X
LSB
Register Set Summary:
The MAX1617’s register set is summarized in the following table. All registers are 8–bits wide.
Name
Description
POR State
Read
Write
INT_TEMP
Internal sensor temperature (2’s complement)
0000 0000b*
EXT_TEMP
External sensor temperature (2’s complement)
0000 0000b*
STATUS
STATUS register
0000 0000b
CONFIG
CONFIG register
0000 0000b
CONV_RATE
A/D conversion rate register
0000 0010b
INT_HLIM
Internal high limit (2’s complement)
0111 1111b
INT_LLIM
Internal low limit (2’s complement)
1100 1001b
EXT_HLIM
External high limit (2’s complement)
0111 1111b
EXT_LLIM
External low limit (2’s complement)
1100 1001b
MFR_ID
ASCII for letter “T”
0101 0100b
MFR_REV
Serial device revision #
**
CRITICAL
CRITICAL limit (2’s complement)
N/A
√***
*NOTE: The INT_TEMP and EXT_TEMP register immediately will be updated by the A/D converter after POR. If STBY is low at power–up,
INT_TEMP and EXT_TEMP will remain in POR state (0000 0000b).
**MFR_REV will sequence 01h, 02h, 03h, etc. by mask changes.
***CRITICAL only can be written via the CRIT[1:0] pins. It cannot be accessed through the SMBus port.


Similar Part No. - MAX1617

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
logo
Analog Devices
MAX16170 AD-MAX16170 Datasheet
1Mb / 27P
   High-Voltage Ideal Diode Controller with Integrated CSA
Rev 0; 1/24
MAX16170ATP/VY+T AD-MAX16170ATP/VY+T Datasheet
1Mb / 27P
   High-Voltage Ideal Diode Controller with Integrated CSA
Rev 0; 1/24
logo
Maxim Integrated Produc...
MAX16171EVKIT MAXIM-MAX16171EVKIT Datasheet
352Kb / 7P
   4V to 57V Operating Voltage Range
Rev 0; 10/20
MAX16171EVKIT# MAXIM-MAX16171EVKIT# Datasheet
352Kb / 7P
   4V to 57V Operating Voltage Range
Rev 0; 10/20
More results

Similar Description - MAX1617

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1066 ONSEMI-MC1066 Datasheet
196Kb / 16P
   ACPI-Compliant SMBus Temperature Sensor with Internal and External Diode Input
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM1617 MICROCHIP-TCM1617 Datasheet
74Kb / 14P
   SMBus Thermal Sensor with External Diode Input
2001
logo
National Semiconductor ...
LM95214 NSC-LM95214 Datasheet
794Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95214 TI-LM95214_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com