Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VH0603A120CGB100N Datasheet(PDF) 18 Page - WALSIN TECHNOLOGY CORPORATION

Part # VH0603A120CGB100N
Description  For ESD Protection at High Speed Application
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

VH0603A120CGB100N Datasheet(HTML) 18 Page - WALSIN TECHNOLOGY CORPORATION

Back Button VH0603A120CGB100N Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION VH0603A120CGB100N Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION VH0603A120CGB100N Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION VH0603A120CGB100N Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION VH0603A120CGB100N Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION VH0603A120CGB100N Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION VH0603A120CGB100N Datasheet HTML 19Page - WALSIN TECHNOLOGY CORPORATION VH0603A120CGB100N Datasheet HTML 20Page - WALSIN TECHNOLOGY CORPORATION VH0603A120CGB100N Datasheet HTML 21Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Approval sheet
Page 4 of 7
ASC_VH0603 Green Series- V08
Aug.2018
Environment Reliability Test
Characteristic
Test method and description
High Temperature
Storage
The specimen shall be subjected to 125 ± 2℃for 1000 ± 12 hours in a thermostatic bath without
load and then stored at room temperature and normal humidity for 1 to 2 hours. The change of
varistor voltage shall be within 10 ﹪
Temperature Cycle
The temperature cycle of specified
temperature shall be repeated five times and
then stored at room temperature and normal
humidity for one or two hours. The change of
varistor voltage shall be within 10﹪and
mechanical damage shall be examined.
Step
Temperature
Period
1
-40±3℃
30Min±3
2
Room Temperature
1 hour
3
125±3℃
30Min±3
4
Room Temperature
1 hour
High Temperature
Load
After being continuously applied the maximum allowable voltage at 85 ± 2℃ for 1000± 2 hours,
the specimen shall be stored at room temperature and normal humidity for one or two hours,
the change of varistor voltage shall be within 10﹪.
Damp Heat Load/
Humidity Load
The specimen should be subjected to 40 ± 2℃, 90 to 95 ﹪RH environment, and the maximum
allowable voltage applied for 1000 hours, then stored at room temperature and normal humidity
for one or two hours. The change of varistor voltage shall be within 10﹪
Low Temperature
Storage
The specimen should be subjected to -40 ± 2℃, without load for 500 hours and then stored at
room temperature for one or two hours. The change of varistor voltage shall be within 10 ﹪
SOLDERING CONDITION
1.
The IP reflow and temperature of Soldering for Pb free
IR reflow Pb Free Process suggestion profile
(1) The solder recommend is Sn96.5/Ag 3.5 of 120 to 150
μm
(2) Ramp-up rate (217℃ to Peak) + 3℃/second max
(3) Temp. maintain at 175 +/-25℃ 180 seconds max
(4) Temp. maintain above 217 ℃ 60-150 seconds
(5) Peak temperature range 245℃ +20℃/ -10 ℃ time within 5 ℃ of actually peak temperature (tp) 10~20
seconds
(6) Ramp down rate +6 ℃/second max


Similar Part No. - VH0603A120CGB100N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VH048 ETC1-VH048 Datasheet
261Kb / 2P
   6 Amp Epoxy Bridge Rectifiers
logo
New Jersey Semi-Conduct...
VH048 NJSEMI-VH048 Datasheet
93Kb / 1P
   6 Amp Epoxy Bridge Rectifiers
logo
List of Unclassifed Man...
VH048H ETC1-VH048H Datasheet
176Kb / 2P
   High Efficiency Rectifier Bridges 1 Amp
More results

Similar Description - VH0603A120CGB100N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4285CZ9-TBB NXP-IP4285CZ9-TBB_13 Datasheet
501Kb / 12P
   ESD protection for high-speed interfaces
Rev. 3-7 April 2014
logo
Nexperia B.V. All right...
IP4285CZ6-TY NEXPERIA-IP4285CZ6-TY Datasheet
653Kb / 12P
   ESD protection for high-speed interfaces
IP4369CX4 NEXPERIA-IP4369CX4 Datasheet
1Mb / 15P
   ESD protection for high-speed interfaces
logo
SeCoS Halbleitertechnol...
SGESD2201 SECOS-SGESD2201_15 Datasheet
232Kb / 3P
   ESD Protection for high-speed interfaces
logo
Nexperia B.V. All right...
IP4282CZ6 NEXPERIA-IP4282CZ6 Datasheet
174Kb / 10P
   ESD protection for high-speed interfaces
Rev. 01 - 30 March 2009
logo
STMicroelectronics
DSILC6-4XX STMICROELECTRONICS-DSILC6-4XX Datasheet
354Kb / 11P
   ESD Protection for high speed interface
logo
NXP Semiconductors
IP4242CZ6 NXP-IP4242CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-12 March 2009
IP4282CZ6 NXP-IP4282CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-30 March 2009
logo
SeCoS Halbleitertechnol...
SBESD9N5C SECOS-SBESD9N5C Datasheet
286Kb / 3P
   ESD Protection for high-speed interfaces
KS05UL5 SECOS-KS05UL5_15 Datasheet
313Kb / 3P
   ESD Protection for high-speed interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com