Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VH0603M050CGT100N Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # VH0603M050CGT100N
Description  For ESD Protection at High Speed Application
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

VH0603M050CGT100N Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  VH0603M050CGT100N Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION VH0603M050CGT100N Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION VH0603M050CGT100N Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION VH0603M050CGT100N Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION VH0603M050CGT100N Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION VH0603M050CGT100N Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION VH0603M050CGT100N Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION VH0603M050CGT100N Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION VH0603M050CGT100N Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Approval sheet
Page 3 of 7
ASC_VH0201 Green Series- V04
Aug.2018
DEVICE RATING AND SPECIFICATIONS
WTC
Part Number
Working
Voltage
Varistor
voltage(*1)
Clamping
voltage(*2)
Cap. Value(*3)
VDC(max)
Vv
Vclamp(max)
pF(typ)
VH0201M050CGT330N
5.5
8~14
28
33
VH0201M050CGT470N
5.5
8~14
26
47
VH0201M050CGT640N
5.5
8~14
26
64
Notes:
*1 The varistor voltage was measured at 1 mA current
*2 The Clampong voltage was measured at 8*20 us standard current.
*3 The capacitance was measured at 1 MHz.
*4 The Leakage current was measured at working voltage.
*3 The components shall be employed within 1 year, in the nitrogen condition.


Similar Part No. - VH0603M050CGT100N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VH048 ETC1-VH048 Datasheet
261Kb / 2P
   6 Amp Epoxy Bridge Rectifiers
logo
New Jersey Semi-Conduct...
VH048 NJSEMI-VH048 Datasheet
93Kb / 1P
   6 Amp Epoxy Bridge Rectifiers
logo
List of Unclassifed Man...
VH048H ETC1-VH048H Datasheet
176Kb / 2P
   High Efficiency Rectifier Bridges 1 Amp
More results

Similar Description - VH0603M050CGT100N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4285CZ9-TBB NXP-IP4285CZ9-TBB_13 Datasheet
501Kb / 12P
   ESD protection for high-speed interfaces
Rev. 3-7 April 2014
logo
Nexperia B.V. All right...
IP4285CZ6-TY NEXPERIA-IP4285CZ6-TY Datasheet
653Kb / 12P
   ESD protection for high-speed interfaces
IP4369CX4 NEXPERIA-IP4369CX4 Datasheet
1Mb / 15P
   ESD protection for high-speed interfaces
logo
SeCoS Halbleitertechnol...
SGESD2201 SECOS-SGESD2201_15 Datasheet
232Kb / 3P
   ESD Protection for high-speed interfaces
logo
Nexperia B.V. All right...
IP4282CZ6 NEXPERIA-IP4282CZ6 Datasheet
174Kb / 10P
   ESD protection for high-speed interfaces
Rev. 01 - 30 March 2009
logo
STMicroelectronics
DSILC6-4XX STMICROELECTRONICS-DSILC6-4XX Datasheet
354Kb / 11P
   ESD Protection for high speed interface
logo
NXP Semiconductors
IP4242CZ6 NXP-IP4242CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-12 March 2009
IP4282CZ6 NXP-IP4282CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-30 March 2009
logo
SeCoS Halbleitertechnol...
SBESD9N5C SECOS-SBESD9N5C Datasheet
286Kb / 3P
   ESD Protection for high-speed interfaces
KS05UL5 SECOS-KS05UL5_15 Datasheet
313Kb / 3P
   ESD Protection for high-speed interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com