Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VH0603M050CGT100N Datasheet(PDF) 19 Page - WALSIN TECHNOLOGY CORPORATION

Part # VH0603M050CGT100N
Description  For ESD Protection at High Speed Application
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

VH0603M050CGT100N Datasheet(HTML) 19 Page - WALSIN TECHNOLOGY CORPORATION

Back Button VH0603M050CGT100N Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION VH0603M050CGT100N Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION VH0603M050CGT100N Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION VH0603M050CGT100N Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION VH0603M050CGT100N Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION VH0603M050CGT100N Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION VH0603M050CGT100N Datasheet HTML 19Page - WALSIN TECHNOLOGY CORPORATION VH0603M050CGT100N Datasheet HTML 20Page - WALSIN TECHNOLOGY CORPORATION VH0603M050CGT100N Datasheet HTML 21Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Approval sheet
Page 5 of 7
ASC_VH0603 Green Series- V08
Aug.2018
※Perform adequate test in advance as the reflow temperature profile will vary according to the conditions of the
manufacturing process, and the specification of the reflow furnace.
2.
Resistance to soldering heat-High Temperature Resistance:260℃,10sec-3times.
3.
Hand Soldering
In hand soldering of the Varistors. Large temperature gradient between preheated the Varistors and the tip of
soldering iron may cause electrical failures and mechanical damages such as crackings or breakings of the
devices. The soldering shall be carefully controlled and carried out so that the temperature gradient is kept
minimum with following recommended conditions for hand soldering.
3-1 Recommended Soldering Condition 1
(1) Solder :
0.12~0.18mm Thread solder (Sn96.5:Ag3.5) with soldering flux in the core.
Rosin-based and non-activated flux is recommended.
(2) Preheating
The Varistors shall be preheated so that Temperature Gradient between the devices and the tip of soldering
iron is 150℃ or below.
(3) Soldering Iron
Rated Power of 20w max with 3mm soldering tip in diameter.
Temperature of soldering iron tip 380℃max,3-5sec ( The required amount of solder shall be melted in
advance on the soldering tip.)
(4) Cooling
After soldering. The Varistors shall be cooled gradually at room ambient temperature.
3-2 Recommended Soldering Condition 2(Without preheating)
(1) Solder iron tip shall not directly touch to ceramic dielectrics.
(2) Solder iron tip shall be fully preheated before soldering while soldering iron tip to the external electrode of
Varistors.
4.
Post Soldering Cleaning
4-1 Residues of corrosive soldering fluxes on the PC board after cleaning may greatly have influences on the
electrical characteristic and the reliability (such as humidity resistance)of the Varistors which have been mounted
on the board. It shall be confirmed that the characteristic and the reliability of the devices are not affected by the
applied cleaning conditions.
4-2 When an ultrasonic cleaning is applied to the mounted Varistors on PC Boards. Following conditions are
recommended for preventing failures or damages of the devices due to the large vibration energy and the
resonance caused by the ultrasonic waves
(1)Frequency 29MHz max
(2)Radiated Power 20w/lithr max
(3)Period 5minuets max
ORDERING CODE
General Vairstor
VH
0603
M
050
C
G
T
100
Type Code
Chip
Size
Style
Rated
Voltage
Capacitance
Tolerance
Termination
Packing
Capacitance Code (pF)
Internal
Code
V: Walsin
Varistor
H: High
Speed or
RF
0603
M:
Multilayer
A:
Array
050 = 5.5V
120 = 12V
240 = 24V
C: Capacitance
control code for
ESD protection
varistor
G: Green
Material
T:
Reeled
B:
Bulk
Two significant digits followed
by number of zeros
5R0 = 5pF (when C< 10pF)
100 = 10 x 10
0 = 15pF
220 = 22 x 10
0 = 22pF
330 = 33 x 10
0 = 33pF
101 = 10 x 10
1 = 100pF
Blank: None
N: New item


Similar Part No. - VH0603M050CGT100N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VH048 ETC1-VH048 Datasheet
261Kb / 2P
   6 Amp Epoxy Bridge Rectifiers
logo
New Jersey Semi-Conduct...
VH048 NJSEMI-VH048 Datasheet
93Kb / 1P
   6 Amp Epoxy Bridge Rectifiers
logo
List of Unclassifed Man...
VH048H ETC1-VH048H Datasheet
176Kb / 2P
   High Efficiency Rectifier Bridges 1 Amp
More results

Similar Description - VH0603M050CGT100N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4285CZ9-TBB NXP-IP4285CZ9-TBB_13 Datasheet
501Kb / 12P
   ESD protection for high-speed interfaces
Rev. 3-7 April 2014
logo
Nexperia B.V. All right...
IP4285CZ6-TY NEXPERIA-IP4285CZ6-TY Datasheet
653Kb / 12P
   ESD protection for high-speed interfaces
IP4369CX4 NEXPERIA-IP4369CX4 Datasheet
1Mb / 15P
   ESD protection for high-speed interfaces
logo
SeCoS Halbleitertechnol...
SGESD2201 SECOS-SGESD2201_15 Datasheet
232Kb / 3P
   ESD Protection for high-speed interfaces
logo
Nexperia B.V. All right...
IP4282CZ6 NEXPERIA-IP4282CZ6 Datasheet
174Kb / 10P
   ESD protection for high-speed interfaces
Rev. 01 - 30 March 2009
logo
STMicroelectronics
DSILC6-4XX STMICROELECTRONICS-DSILC6-4XX Datasheet
354Kb / 11P
   ESD Protection for high speed interface
logo
NXP Semiconductors
IP4242CZ6 NXP-IP4242CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-12 March 2009
IP4282CZ6 NXP-IP4282CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-30 March 2009
logo
SeCoS Halbleitertechnol...
SBESD9N5C SECOS-SBESD9N5C Datasheet
286Kb / 3P
   ESD Protection for high-speed interfaces
KS05UL5 SECOS-KS05UL5_15 Datasheet
313Kb / 3P
   ESD Protection for high-speed interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com