Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VH0201M050CGT100N Datasheet(PDF) 16 Page - WALSIN TECHNOLOGY CORPORATION

Part # VH0201M050CGT100N
Description  For ESD Protection at High Speed Application
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

VH0201M050CGT100N Datasheet(HTML) 16 Page - WALSIN TECHNOLOGY CORPORATION

Back Button VH0201M050CGT100N Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION VH0201M050CGT100N Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION VH0201M050CGT100N Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION VH0201M050CGT100N Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION VH0201M050CGT100N Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION VH0201M050CGT100N Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION VH0201M050CGT100N Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION VH0201M050CGT100N Datasheet HTML 19Page - WALSIN TECHNOLOGY CORPORATION VH0201M050CGT100N Datasheet HTML 20Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Approval sheet
Page 2 of 7
ASC_VH0603 Green Series- V08
Aug.2018
DESCRIPTION
Walsin Multilayer Chip Varistor is a family of Transient Voltage Surge Suppression products.Today , electronic
circuits are becoming smaller and more sentive to external interference. Walsin Multilayer Chip Varistor is
designed to protect components from destruction of transients and ESD(Electronic Static Discharge). The wide
operating voltage and energy rage make Walsin Multilayer Chip Varistor suitable for numerous applications on
I/O protection , Vcc protectiion , Keyboard protection , LCD protection , Sensor protection…etc. The Walsin Chip
Varistor is manufactured by Multilayer fabrication technology providing excellent voltage clamping ability and is
supplied in leadless , surface mount form , compatible with modern reflow and wave soldering procedures.
FEATURES
1.
Multilayer fabrication technology
2.
-40℃to 125℃ operating temperature Range
3.
Operating voltage range VM(DC) at 5V ~ 24V
4.
Able to withstand ESD test of IEC-61000-4-2
5.
Bi-directional clamping characteristic
APPLICATIONS
1.
Protection of cellular phones, PDA, High Speed Data Line…etc.
2.
ESD Protection for components sensitive to IEC 61000-4-2, Provides Circuit Board Transient Voltage
Protection for Transistors.
3.
Protection of Video & Audio Ports.
DIMENSIONS
Figure
Symbol
VHZ0603 Series
L
1.60 ± 0.15 mm
W
0.80 ± 0.15 mm
T
0.90 ± 0.15 mm
Ts
0.30 ± 0.20 mm
*Terminal electrode:Ni / Sn electrode


Similar Part No. - VH0201M050CGT100N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VH048 ETC1-VH048 Datasheet
261Kb / 2P
   6 Amp Epoxy Bridge Rectifiers
logo
New Jersey Semi-Conduct...
VH048 NJSEMI-VH048 Datasheet
93Kb / 1P
   6 Amp Epoxy Bridge Rectifiers
logo
List of Unclassifed Man...
VH048H ETC1-VH048H Datasheet
176Kb / 2P
   High Efficiency Rectifier Bridges 1 Amp
More results

Similar Description - VH0201M050CGT100N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4285CZ9-TBB NXP-IP4285CZ9-TBB_13 Datasheet
501Kb / 12P
   ESD protection for high-speed interfaces
Rev. 3-7 April 2014
logo
Nexperia B.V. All right...
IP4285CZ6-TY NEXPERIA-IP4285CZ6-TY Datasheet
653Kb / 12P
   ESD protection for high-speed interfaces
IP4369CX4 NEXPERIA-IP4369CX4 Datasheet
1Mb / 15P
   ESD protection for high-speed interfaces
logo
SeCoS Halbleitertechnol...
SGESD2201 SECOS-SGESD2201_15 Datasheet
232Kb / 3P
   ESD Protection for high-speed interfaces
logo
Nexperia B.V. All right...
IP4282CZ6 NEXPERIA-IP4282CZ6 Datasheet
174Kb / 10P
   ESD protection for high-speed interfaces
Rev. 01 - 30 March 2009
logo
STMicroelectronics
DSILC6-4XX STMICROELECTRONICS-DSILC6-4XX Datasheet
354Kb / 11P
   ESD Protection for high speed interface
logo
NXP Semiconductors
IP4242CZ6 NXP-IP4242CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-12 March 2009
IP4282CZ6 NXP-IP4282CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-30 March 2009
logo
SeCoS Halbleitertechnol...
SBESD9N5C SECOS-SBESD9N5C Datasheet
286Kb / 3P
   ESD Protection for high-speed interfaces
KS05UL5 SECOS-KS05UL5_15 Datasheet
313Kb / 3P
   ESD Protection for high-speed interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com