Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXT9863 Datasheet(PDF) 47 Page - Intel Corporation

Part # LXT9863
Description  Advanced 10/100 Umnmanaged Repeater
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9863 Datasheet(HTML) 47 Page - Intel Corporation

Back Button LXT9863 Datasheet HTML 43Page - Intel Corporation LXT9863 Datasheet HTML 44Page - Intel Corporation LXT9863 Datasheet HTML 45Page - Intel Corporation LXT9863 Datasheet HTML 46Page - Intel Corporation LXT9863 Datasheet HTML 47Page - Intel Corporation LXT9863 Datasheet HTML 48Page - Intel Corporation LXT9863 Datasheet HTML 49Page - Intel Corporation LXT9863 Datasheet HTML 50Page - Intel Corporation LXT9863 Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
Advanced 10/100 Unmanaged Repeater — LXT9883/9863
Datasheet
47
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
Table 25. 100BASE-TX Transceiver Electrical Characteristics
Parameter
Symbol
Min
Typ
1
Max
Units
Test Conditions
Peak differential output voltage
(single ended)
VP
0.95
1.0
1.05
V
Note 2
Signal amplitude symmetry
98
102
%
Note 2
Signal rise/fall time
Trf
3.0
5.0
ns
Note 2
Rise/fall time symmetry
Trfs
––
0.5
ns
Note 2
Duty cycle distortion
––
+/- 0.5
ns
Offset from 8 ns pulse width at 50%
of pulse peak,
Overshoot
Vo
––
5%
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
2. Measured at line side of transformer, line replaced by 100
Ω (±1%) resistor.
Table 26. 10BASE-T Transceiver Electrical Characteristics
Parameter
Symbol
Min
Typ
1
Max
Units
Test Conditions
Transmitter
Peak differential output voltage
VP
2.2
2.5
2.8
V
Measured at line side of
transformer, line replaced by 100
(± .1%) resistor
Transmit timing jitter addition
2
8
24
ms
0 line length for internal MAU
Transmit timing jitter added by the
MAU and PLS sections
2, 3
0
11
ns
After line model specified by IEEE
802.3 for 10BASE-T internal MAU
Receiver
Receive input impedance
ZIN
20
k
Between TPIP/TPIN
Differential Squelch Threshold
VDS
390
mV
5 MHz square wave input,
750 mVpp
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
2. Parameter is guaranteed by design; not subject to production testing.
3. IEEE 802.3 specifies maximum jitter additions at 1.5 ns for the AUI cable, 0.5 ns from the encoder, and 3.5 ns from the MAU.


Similar Part No. - LXT9863

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LXT9860 INTEL-LXT9860 Datasheet
1Mb / 118P
   Advanced 10/100 Repeater with Intergrated Management
More results

Similar Description - LXT9863

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LXT9860 INTEL-LXT9860 Datasheet
1Mb / 118P
   Advanced 10/100 Repeater with Intergrated Management
logo
List of Unclassifed Man...
AC205 ETC1-AC205 Datasheet
96Kb / 2P
   5-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
logo
Broadcom Corporation.
AC205 BOARDCOM-AC205 Datasheet
712Kb / 60P
   2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
AC206 BOARDCOM-AC206 Datasheet
798Kb / 70P
   2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
AC207 BOARDCOM-AC207 Datasheet
723Kb / 60P
   2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
logo
List of Unclassifed Man...
AC207 ETC1-AC207 Datasheet
95Kb / 2P
   8-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
AC208 ETC-AC208 Datasheet
98Kb / 2P
   8 PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
AC205KQM ETC2-AC205KQM Datasheet
102Kb / 2P
   5-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
AC206 ETC-AC206 Datasheet
96Kb / 2P
   5 PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com