Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXT9863 Datasheet(PDF) 43 Page - Intel Corporation

Part # LXT9863
Description  Advanced 10/100 Umnmanaged Repeater
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9863 Datasheet(HTML) 43 Page - Intel Corporation

Back Button LXT9863 Datasheet HTML 39Page - Intel Corporation LXT9863 Datasheet HTML 40Page - Intel Corporation LXT9863 Datasheet HTML 41Page - Intel Corporation LXT9863 Datasheet HTML 42Page - Intel Corporation LXT9863 Datasheet HTML 43Page - Intel Corporation LXT9863 Datasheet HTML 44Page - Intel Corporation LXT9863 Datasheet HTML 45Page - Intel Corporation LXT9863 Datasheet HTML 46Page - Intel Corporation LXT9863 Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
Advanced 10/100 Unmanaged Repeater — LXT9883/9863
Datasheet
43
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
Figure 16. Typical 100 Mbps IRB Implementation
Figure 17. Typical 10 Mbps IRB Implementation
LXT98x3
FPS = 1
LXT98x3
FPS = 1
215
1%
300
IR100DV\
IR100DAT <4:0>
IR100CFS\
IR100COL\
IR100SNGL
’245
IR100DATBP
IR100DVBP\
DIR
ENA
IR100CLKBP
AB
LXT98x3
FPS = 0
IR100CFSBP\
IR100DEN\
ISOLATE
91
1%*
+3.3V
330
IR100CLK
IR100DEN\
IR100DV\
IR100DAT
Stack or
Segment
Connector
+3.3V
91
91
2
1
1
ΚΩ
COMP_SEL
+3.3V
+3.3V
1. In stacked configurations, all devices with FPS/ = 0 are tied together at IR100CFSBP. The entire stack must
be pulled up by only one resistor per signal. Pull-up resistor is installed on one board only. (Board selection
is application specific.)
2. All devices with FPS
0 require individual pull-up resistors at IR100CFSBP.
3. Pull-up voltage should be the same as COMP_SEL.
LXT9883
FPS 1
LXT9883
FPS 1
+3.3V
215
1%
330
IR10ENA\
IR10DAT
IR10CFS\
IR10COL\
HOLDCOL
IR10CLK
’245
IR10DATBP
IR10ENABP\
DIR
ENA
IR10CLKBP
AB
LXT9883
FPS 0
IR10COLBP\
IR10CFSBP\
IR10DEN\
330
1%
330
1%
+3.3V
330
IR10DEN\
IR10CLK
IR10ENA\
IR10DAT
+3.3V
330
330
330
330
Stack or
Segment
Connector
2
1
COMP_SEL
1. In stacked configurations, all devices with FPS/ = 0 are tied together at IR100CFSBP. The entire stack must be
pulled up by only one resistor per signal. Pull-up resistor is installed on one board only. (Board selection is
application specific.)
2. All devices with FPS
0 require individual pull-up resistors at IR100CFSBP.
3. Pull-up voltage should be the same as COMP_SEL.


Similar Part No. - LXT9863

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LXT9860 INTEL-LXT9860 Datasheet
1Mb / 118P
   Advanced 10/100 Repeater with Intergrated Management
More results

Similar Description - LXT9863

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LXT9860 INTEL-LXT9860 Datasheet
1Mb / 118P
   Advanced 10/100 Repeater with Intergrated Management
logo
List of Unclassifed Man...
AC205 ETC1-AC205 Datasheet
96Kb / 2P
   5-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
logo
Broadcom Corporation.
AC205 BOARDCOM-AC205 Datasheet
712Kb / 60P
   2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
AC206 BOARDCOM-AC206 Datasheet
798Kb / 70P
   2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
AC207 BOARDCOM-AC207 Datasheet
723Kb / 60P
   2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
logo
List of Unclassifed Man...
AC207 ETC1-AC207 Datasheet
95Kb / 2P
   8-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
AC208 ETC-AC208 Datasheet
98Kb / 2P
   8 PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
AC205KQM ETC2-AC205KQM Datasheet
102Kb / 2P
   5-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
AC206 ETC-AC206 Datasheet
96Kb / 2P
   5 PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com