Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RN47A1 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. RN47A1
Description  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

RN47A1 Datasheet(HTML) 3 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RN47A1
2004-04-28
3
Electrical Characteristics (Ta = 25°C) (Q1)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 50 V, IE = 0
100
nA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
100
nA
DC current gain
hFE
VCE = 5 V, IC = 1 mA
120
700
Collector-emitter saturation voltage
VCE (sat)
IC = 5 mA, IB = 0.25 mA
0.1
0.3
V
Transition frequency
fT
VCE = 10 V, IC = 5 mA
250
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
3
pF
Input resistor
R1
3.29
4.7
6.11
k
Electrical Characteristics (Ta = 25°C) (Q2)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −50 V, IE = 0
−100
nA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
−100
nA
DC current gain
hFE
VCE = −5 V, IC = −1 mA
120
400
Collector-emitter saturation voltage
VCE (sat)
IC = −5 mA, IB = −0.25 mA
−0.1
−0.3
V
Transition frequency
fT
VCE = −10 V, IC = −5 mA
200
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
3
pF
Input resistor
R1
3.29
4.7
6.11
k


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn