Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RN47A1 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. RN47A1
Description  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

RN47A1 Datasheet(HTML) 1 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RN47A1
2004-04-28
1
TOSHIBA Transistor Silicon NPN·PNP Epitaxial Type
(PCT process) (Bias Resistor built-in Transistor)
RN47A1
Switching, Inverter Circuit, Interface Circuit and
Driver Circuit Applications
• Two devices are incorporated into an Ultra-Super-Mini (5 pin) package.
• Incorporating a bias resistor into a transistor reduces parts count.
Reducing the parts count enables the manufacture of ever more
compact equipment and lowers assembly cost.
Equivalent Circuit and Bias Resistor Values
Q1
Q2
R1: 4.7 kΩ (Q1, Q2 common)
Q1: RN1110F
Q2: RN2110F
Marking
Equivalent Circuit (top view)
Unit: mm
JEDEC
JEITA
TOSHIBA
2-2L1D
Weight:0.0062g (typ.)
R1
B
C
E
R1
B
C
E
5
4
123
Q1
Q2
2 1
4
5
3
1
2


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn