Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU6060 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJU6060
Description  Full Color LED Controller Driver with PWM Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6060 Datasheet(HTML) 4 Page - New Japan Radio

  NJU6060 Datasheet HTML 1Page - New Japan Radio NJU6060 Datasheet HTML 2Page - New Japan Radio NJU6060 Datasheet HTML 3Page - New Japan Radio NJU6060 Datasheet HTML 4Page - New Japan Radio NJU6060 Datasheet HTML 5Page - New Japan Radio NJU6060 Datasheet HTML 6Page - New Japan Radio NJU6060 Datasheet HTML 7Page - New Japan Radio NJU6060 Datasheet HTML 8Page - New Japan Radio NJU6060 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
- 4 -
NJU6060
Ver.2004-04-16
(2) Instructions
3 line type serial interface using a setup of PWM data, ON/OFF of Light Emitting Diode, etc. are made.
The input data and latched at rising edge of chip shift clock (CLK) and the 8-bit data are fetched into the NJU6060 at
the rising edge of chip select (CS). The data to input is MSB first.
Table.1 shows the instruction codes of the NJU6060.
Table 1. Instruction Code
Code
Instruction
D7
D6
D5
D4
D3
D2
D1
D0
Discription
LED1
PWM Data Set
0
0
0
D
D
D
D
D
5-bit PWM data is set.
LED2
PWM Data Set
0
0
1
D
D
D
D
D
5-bit PWM data is set.
LED3
PWM Data Set
0
1
0
D
D
D
D
D
5-bit PWM data is set.
PWM Frequency set
/ OSC ON/OFF
/Output port ON/OFF
0
1
1
fPWM
OSC
LED1
LED2
LED3
fPWM
0:(fosc/2)/32
1:(fosc/2)/64
OSC
0:OFF
1:ON
LED1 to 3
0:OFF
1:ON
LED1
PWM Phase set
1
0
0
*
*
*
Phase value
LED2
PWM Phase set
1
0
1
*
*
*
Phase value
LED3
PWM Phase set
1
1
0
*
*
*
Phase value
0,0: Same phase
0,1: 4-step shift
1,0: 8-step shift
1,1: 16-step shift
Test
1
1
1
Test Data
Inhibited command
* : Don’t Care
Note) The “PWM data set”, the “PWM Frequency set” and the “PWM phase set” commands are executed, asynchronously
to the PWM counter, thus the user’s command setting is executed after execution time, which is about 128/fosc if
{“fPWM=(fosc/2)/2”} is set up. During that execution time, the IC may execute an unexpected setting. For this
reason, it is recommended to make sure actual performance is the user’s practical application.
(2-1) Explanation of instruction code
(a) LED1 to 3 PWM Data Set
This instruction set the PWM luminance control Duty data. It sets up for every LED port.
LED1 PWM Data Set
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
D
D
D
D
D
LED2 PWM Data Set
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
D
D
D
D
D
LED3 PWM Data Set
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
D
D
D
D
D
D
:DUTY
0,0,0,0,0 to 1,1,1,1,1


Similar Part No. - NJU6060

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6061 NJRC-NJU6061 Datasheet
32Kb / 2P
   Full Color LED Controller Driver with PWM Control
NJU6061P NJRC-NJU6061P Datasheet
32Kb / 2P
   Full Color LED Controller Driver with PWM Control
More results

Similar Description - NJU6060

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6061 NJRC-NJU6061 Datasheet
32Kb / 2P
   Full Color LED Controller Driver with PWM Control
logo
Integrated Silicon Solu...
IS31FL3726-QFLS2 ISSI-IS31FL3726-QFLS2 Datasheet
436Kb / 14P
   16-BIT COLOR LED DRIVER WITH PWM CONTROL
IS31FL3726 ISSI-IS31FL3726 Datasheet
436Kb / 13P
   16-BIT COLOR LED DRIVER WITH PWM CONTROL
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
List of Unclassifed Man...
APA102C ETC1-APA102C Datasheet
880Kb / 5P
   rgb full color led control ic
logo
Toshiba Semiconductor
TB62718AF TOSHIBA-TB62718AF Datasheet
1Mb / 30P
   FULL COLOR LED MODULE AND PANEL SPECIAL CONTROLLER AND LED DRIVER
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
NJW4617 NJRC-NJW4617 Datasheet
155Kb / 4P
   Constant Current LED Driver with PWM Control
NJU6080 NJRC-NJU6080 Datasheet
154Kb / 8P
   CONSTANT CURRENT LED DRIVER with PWM CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com