Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2742D Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2742D
Description  HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2742D Datasheet(HTML) 2 Page - New Japan Radio

  NJM2742D Datasheet HTML 1Page - New Japan Radio NJM2742D Datasheet HTML 2Page - New Japan Radio NJM2742D Datasheet HTML 3Page - New Japan Radio NJM2742D Datasheet HTML 4Page - New Japan Radio NJM2742D Datasheet HTML 5Page - New Japan Radio NJM2742D Datasheet HTML 6Page - New Japan Radio NJM2742D Datasheet HTML 7Page - New Japan Radio NJM2742D Datasheet HTML 8Page - New Japan Radio NJM2742D Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NJM2742
- 2 -
Ver.2004-09-14
■ ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V+
+36
V
Differential Input Voltage
VID
±36
V
Common Mode Input Voltage
VIC
-0.3 to +36
V
Power Dissipation
PD
500 (DIP8)
300 (DMP8)
250 (SSOP8)
320 (TVSP8)
mW
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-40 to +150
°C
■ RECOMMENDED OPERATING CONDITION
(Ta=25
°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Operating Voltage Range
V+
3.0
-
32
V
■ DC CHARACTERISTICS
( V+/V -=
±15V, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Operating Current
ICC
No Signal
-
4.3
5.5
mA
Input Offset Voltage
VIO
-
1.0
12
mV
Input Bias Current
IB
-
80
400
nA
Input Offset Current
IIO
-
5
75
nA
Open Loop Voltage Gain
Av
RL>2k
80
110
-
dB
Common Mode Rejection
CMR
-15V < VIC < 12.5V
55
75
-
dB
Supply Voltage Rejection
SVR
3V < V+ < 32V
70
90
-
dB
Maximum Output Voltage 1
VOM1
RL>10k
+13.7
/-13.7
+14
/-14.8
-
V
Maximum Output Voltage 2
VOM2
RL>2k
+13.5
/-13.5
-
-
V
Source Output Current
ISOURCE
VIN+=1V,VIN-=0V,VO=0V
10
30
-
mA
Sink Output Current
ISINK
VIN+=0V,VIN-=1V,VO=0V
10
30
-
mA
Input Common Mode
Voltage Range
VICM
CMR > 55dB
-15
-
12.5
V
■ AC CHARACTERISTICS
( V+/V -=
±15V, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Gain Bandwidth product
GB
f=10kHz
-
2
-
MHz
Equivalent
Input
Noise
Voltage
VNI
f=1kHz
-
40
-
nV/
√Hz
Capacitive Load Tolerance
CL
-
1000
-
pF
■ TRANSIENT CHARACTERISTICS
( V+/V -=
±15V, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Slew Rate
SR
-
10
-
V/
µs


Similar Part No. - NJM2742D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2740 NJRC-NJM2740 Datasheet
227Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
NJM2740M NJRC-NJM2740M Datasheet
227Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
NJM2740V NJRC-NJM2740V Datasheet
227Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
NJM2741 NJRC-NJM2741 Datasheet
98Kb / 2P
   Single Supply Single Operational Amplifier with Full Swing Output
NJM2741F NJRC-NJM2741F Datasheet
98Kb / 2P
   Single Supply Single Operational Amplifier with Full Swing Output
More results

Similar Description - NJM2742D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3472 NJRC-NJM3472 Datasheet
2Mb / 15P
   HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Ver. 02
NJM842 NJRC-NJM842 Datasheet
1Mb / 15P
   HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Ver. 02
logo
National Semiconductor ...
LM7131 NSC-LM7131 Datasheet
548Kb / 23P
   Tiny High Speed Single Supply Operational Amplifier
logo
Texas Instruments
LM7131 TI1-LM7131 Datasheet
739Kb / 28P
[Old version datasheet]   Tiny High Speed Single Supply Operational Amplifier
logo
New Japan Radio
NJM2744 NJRC-NJM2744 Datasheet
516Kb / 9P
   High Speed Single Supply Quad Operational Amplifier
logo
Texas Instruments
OPA4350-DIE TI1-OPA4350-DIE Datasheet
129Kb / 5P
[Old version datasheet]   HIGH-SPEED, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2125 NJRC-NJM2125 Datasheet
247Kb / 5P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC4742MF-DAA RENESAS-UPC4742MF-DAA Datasheet
322Kb / 10P
   Single Power Supply, High Speed, Wide Band, Dual Operational Amplifier
Jul 25, 2012
logo
New Japan Radio
NJM2904 NJRC-NJM2904 Datasheet
278Kb / 7P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIER?
logo
List of Unclassifed Man...
NJM2712 ETC1-NJM2712 Datasheet
222Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com