Electronic Components Datasheet Search |
|
N201-002-WH Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved |
|
N201-002-WH Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved |
2 / 2 page © 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice. Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies: https://www.tripplite.com/products/product-certification-agencies OVERVIEW UPC Code 037332148070 INPUT Cable Length (ft.) 2 Cable Length (m) 0.6 Cable Length (in.) 24 Cable Length (cm) 61 PHYSICAL Wire Gauge (AWG) 24 Shipping Dimensions (hwd / in.) 9.00 x 7.00 x 0.50 Shipping Dimensions (hwd / cm) 22.86 x 17.78 x 1.27 Shipping Weight (lbs.) 0.08 Shipping Weight (kg) 0.04 Color White Wire Type Stranded Snagless Connector Yes Cable Shielding UTP COMMUNICATIONS Network Speed 1Gbps CONNECTIONS Side A - Connector 1 RJ45 (MALE) Side B - Connector 1 RJ45 (MALE) FEATURES & SPECIFICATIONS Technology Cat6 WARRANTY Product Warranty Period (Worldwide) Lifetime limited warranty 2 / 2 |
Similar Part No. - N201-002-WH |
|
Similar Description - N201-002-WH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |