Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2164A51CGCT Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC2164A51CGCT
Description  ICs for use with Crystal Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2164A51CGCT Datasheet(HTML) 4 Page - Torex Semiconductor

  XC2164A51CGCT Datasheet HTML 1Page - Torex Semiconductor XC2164A51CGCT Datasheet HTML 2Page - Torex Semiconductor XC2164A51CGCT Datasheet HTML 3Page - Torex Semiconductor XC2164A51CGCT Datasheet HTML 4Page - Torex Semiconductor XC2164A51CGCT Datasheet HTML 5Page - Torex Semiconductor XC2164A51CGCT Datasheet HTML 6Page - Torex Semiconductor XC2164A51CGCT Datasheet HTML 7Page - Torex Semiconductor XC2164A51CGCT Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
July 30, 2003 Ver. 5
ABSOLUTE MAXIMUM RATINGS
*When implemented on a glass epoxy PCB (SOT26 package)
ELECTRICAL CHARACTERISTICS
XC2164A51M, T, V Fundamental
5.0V Operation (unless otherwise stated, VDD=5.0V, No Load, Ta=30 ~ + 80
OC)
/INH=Open, Q0=Open
XC2164A51M, V
f=30MHz
XC2164A51T
/INH= " L ", Q0=Open
XC2164A51M, V
f=30MHz
XC2164A51T
XC2164A51M, V
XC2164A51T
XC2164A51M, V
XC2164A51T
note 1 : the values for Cg, Cd are the designed values.
XC2164A51M Fundamental
3.3V Operation (unless otherwise stated, VDD=3.3V, No Load, Ta=30 ~ + 80
OC)
/INH=Open, Q0=Open
XC2164A51M, V
f=30MHz
XC2164A51T
/INH= " L ", Q0=Open
XC2164A51M, V
f=30MHz
XC2164A51T
XC2164A51M, V
XC2164A51T
XC2164A51M, V
XC2164A51T
* note 1 : the values for Cg, Cd are the designed values.
Cd
( * )
35
20
2
( 4 )
( * )
/INH=0.7VDD
35
2
( 4 )
2.4
MAX.
2.97
µA
35
Consumption Current 1
Consumption Current 2
IDD1
IDD2
/INH=0.7VDD
/INH="L"
CMOS : 2.97V, IOH= - 8mA
Output Diable Leakage Current
VIH
Operating Supply Voltage
Internal Oscillation Feedback Resistance
Consumption Current 2
IDD2
Internal Oscillation Capacitance
Cg
Input pull up resistance 2
Consumption Current 1
IDD1
"H" Level Input Voltage
"L" Level Input Voltage
"H" Level Input Voltage
"L" Level Input Voltage
PARAMETER
Internal Oscillation Capacitance
"H" Level Output Voltage
"L" Level Output Voltage
Input pull up resistance 1
Input pull up resistance 2
Rup2
Rup1
CMOS : VDD -= 4.5V, IOH= - 16mA
CMOS : VDD = 4.5V, IOH=16mA
/INH="L"
VIL
XC2164 Series
ICs for use with Crystal Oscillators
UNITS
V
V
TYP.
VIH
2.4
MIN.
4.5
VDD
VOL
Output Disable Leakage Current
Internal Oscillation Feedback Resistance
Cd
Input pull up resistance 1
/INH="L"
Rup2
35
5
4
Rup1
1.0
2.0
70
VOH
2.5
"H" Level Output Voltage
VOL
"L" Level Output Voltage
CMOS : 2.97V, IOH=8mA
VIL
Rf
IOZ
3.30
3.63
SYMBOL
MIN.
TYP.
VDD
CONDITIONS
10
/INH="L"
Rf
25
3.5
20
IOZ
Cg
35
50
( * )
( * )
20
5
0.5
1.0
5
11
VOH
3.9
4.2
0.4
100
11
( 15 )
0.3
( 8 )
2.0
( 8 )
( 15 )
MAX.
5.5
5.0
SYMBOL
PARAMETER
CONDITIONS
Tstg
OC
-65 ~ +150 (Chip Form)
V
Operating Supply Voltage
SYMBOL
UNITS
CONDITIONS
Vss - 0.3 to Vss + 7.0
VIN
Pd
250*
Vss - 0.3 to VDD + 0.3
VDD
Storage Temperature
Topr
Operating Ambient
Temperature
-55 ~ +125 (SOT-26)
-40 ~ +85
M
µA
M
0.4
V
pF
mA
( 6.5 )
4.0
140
µA
0.4
V
V
( 8 )
20
7.0
10
PARAMETER
Supply Voltage
Input Voltage
Continuous Total Power
Dissipation
V
V
V
V
OC
mW
OC
0.4
mA
M
k
pF
M
µA
UNITS
V
V
k
Semiconductor Ltd.
4


Similar Part No. - XC2164A51CGCT

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2164A51C TOREX-XC2164A51C Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC2164A51CCF TOREX-XC2164A51CCF Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164A51CCL TOREX-XC2164A51CCL Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164A51CCR TOREX-XC2164A51CCR Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164A51CCT TOREX-XC2164A51CCT Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
More results

Similar Description - XC2164A51CGCT

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_15 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com