Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2164A51CGML Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC2164A51CGML
Description  ICs for use with Crystal Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2164A51CGML Datasheet(HTML) 3 Page - Torex Semiconductor

  XC2164A51CGML Datasheet HTML 1Page - Torex Semiconductor XC2164A51CGML Datasheet HTML 2Page - Torex Semiconductor XC2164A51CGML Datasheet HTML 3Page - Torex Semiconductor XC2164A51CGML Datasheet HTML 4Page - Torex Semiconductor XC2164A51CGML Datasheet HTML 5Page - Torex Semiconductor XC2164A51CGML Datasheet HTML 6Page - Torex Semiconductor XC2164A51CGML Datasheet HTML 7Page - Torex Semiconductor XC2164A51CGML Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PACKAGING INFORMATION
SOT-26
PAD LAYOUT
PAD DIMENSIONS
unit [
µm]
Chip Size
1.3
×0.8 mm
Chip Thickness
280 ± 20
µ
Pad Aperture
100
× 100 µ
* Stand-by control pin has a pull-up resistor built-in.
MARKING RULE
1 Represents product series : XC2164 series
2 Represents divider ratio
<Chip Enable>
* B,C,D : fundamental only.
<Output Enable>
* L,M,N : fundamental only.
3 Represents recommended frequency & Rf, Cg & Cd values
*) Please refer to the ordering information table above.
4 Represents the assembly lot no.
(Based on internal standards.)
RATIO
RATIO
K
L
RATIO
f0/1
f0/2
M
N
RATIO
MARK
A
B
MARK
C
D
f0/4
f0/8
f0/4
f0/8
XC2164 Series
f0/1
f0/2
FUNCTION
Q0
Clock Output
SOT-26 (TOP-VIEW)
PIN NAME
1
514
27
-264
-264
514
222
-450
-264
47
264
-450
264
MARK
MARK
ICs for use with Crystal Oscillators
PIN NUMBER
PAD DIMENSIONS
XY
VDD
Power Supply
2
VSS
Ground
6
INH
Stand-by Control*
3XT
Crystal Oscillator
Connection (Output)
4XT
Crystal Oscillator
Connection (Input)
5
1
2
3
4
6
5
(650,400)
(-650,-400)
Y
X
65
4
3
2
1
1 2 3 4
Semiconductor Ltd.
3


Similar Part No. - XC2164A51CGML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2164A51C TOREX-XC2164A51C Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC2164A51CCF TOREX-XC2164A51CCF Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164A51CCL TOREX-XC2164A51CCL Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164A51CCR TOREX-XC2164A51CCR Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164A51CCT TOREX-XC2164A51CCT Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
More results

Similar Description - XC2164A51CGML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_15 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com