Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4925SD Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4925SD
Description  2 Cell, Single Ended Output, 40mW Stereo Headphone Audio Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4925SD Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4925SD Datasheet HTML 6Page - National Semiconductor (TI) LM4925SD Datasheet HTML 7Page - National Semiconductor (TI) LM4925SD Datasheet HTML 8Page - National Semiconductor (TI) LM4925SD Datasheet HTML 9Page - National Semiconductor (TI) LM4925SD Datasheet HTML 10Page - National Semiconductor (TI) LM4925SD Datasheet HTML 11Page - National Semiconductor (TI) LM4925SD Datasheet HTML 12Page - National Semiconductor (TI) LM4925SD Datasheet HTML 13Page - National Semiconductor (TI) LM4925SD Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Application Information
BRIDGE (BTL) CONFIGURATION EXPLANATION
The LM4925 is a stereo audio power amplifier capable of
operating in bridged (BTL) mode. As shown in Figure 3, the
LM4925 has two internal operational amplifiers. The first
amplifier’s gain is externally configurable, while the second
amplifier should be externally fixed in a unity-gain, inverting
configuration. The closed-loop gain of the first amplifier is set
by selecting the ratio of Rf to Ri while the second amplifier’s
gain is fixed by the two external 20k
Ω resistors. Figure 3
shows that the output of amplifier one serves as the input to
amplifier two which results in both amplifiers producing sig-
nals identical in magnitude, but out of phase by 180˚. Con-
sequently, the differential gain for the IC is
A
VD =2*(Rf /Ri)
By driving the load differentially through outputs VoA and
VoB, an amplifier configuration commonly referred to as
“bridged mode” is established. Bridged mode operation is
different from the classical single-ended amplifier configura-
tion where one side of the load is connected to ground. A
bridge amplifier design has a few distinct advantages over
the single-ended configuration, as it provides differential
drive to the load, thus doubling output swing for a specified
supply voltage. Four times the output power is possible as
compared to a single-ended amplifier under the same con-
ditions. This increase in attainable output power assumes
that the amplifier is not current limited or clipped. In order to
choose an amplifier’s closed-loop gain without causing ex-
cessive clipping, please refer to the Audio Power Amplifier
Design section.
A bridge configuration, such as the one used in LM4925,
also creates a second advantage over single-ended amplifi-
ers. Since the differential outputs, VoA and VoB, are biased
at half-supply, no net DC voltage exists across the load. This
eliminates the need for an output coupling capacitor which is
required in a single supply, single-ended amplifier configura-
tion.
MODE SELECT DETAIL
The LM4925 can be configured for either single ended (see
Figure2)orBTL mode (see Figure 3). When the SE/BTL pin
has a logic high (V
DD) applied to it, the LM4925 is in BTL
mode. If a logic low (GND) is applied to SE/BTL, the LM4925
operates in single-ended mode. The slew rate of V
DD must
be greater than 2.5V/ms to ensure reliable Power on reset
(POR). The circuit shown in Figure 4 presents an applica-
tions solution to the problem of using different supply volt-
ages with different turn-on times in a system with the
LM4925. This circuit shows the LM4925 with a 25-50k
Ω.
Pull-up resistor connected from the shutdown pin to V
DD.
The shutdown pin of the LM4925 is also being driven by an
open drain output of an external microcontroller on a sepa-
rate supply. This circuit ensures that shutdown is disabled
when powering up the LM4925 by either allowing shutdown
to be high before the LM4925 powers on (the microcontroller
powers up first) or allows shutdown to ramp up with V
DD (the
LM4925 powers up first). This will ensure the LM4925 pow-
ers up properly and enters the correct mode of operation
(BTL or SE). Please note that the SE/BTL pin should be tied
to GND for single-ended (SE) mode, and to Vdd for BTL
mode.
20121161
FIGURE 4. Recommended Circuit for Different Supply Turn-On Timing
www.national.com
10


Similar Part No. - LM4925SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49250 NSC-LM49250 Datasheet
1Mb / 36P
   Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
LM49250 NSC-LM49250 Datasheet
1Mb / 36P
   Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
logo
Texas Instruments
LM49250 TI1-LM49250 Datasheet
1Mb / 36P
[Old version datasheet]   Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
logo
National Semiconductor ...
LM49250RL NSC-LM49250RL Datasheet
1Mb / 36P
   Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
logo
Texas Instruments
LM49250RL/NOPB TI1-LM49250RL/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
More results

Similar Description - LM4925SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4924 NSC-LM4924 Datasheet
425Kb / 16P
   2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
logo
Texas Instruments
LM4924 TI1-LM4924 Datasheet
912Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
logo
National Semiconductor ...
LM4912 NSC-LM4912 Datasheet
699Kb / 14P
   Stereo 40mW Low Noise Headphone Amplifier
logo
Texas Instruments
LM4929 TI1-LM4929 Datasheet
1Mb / 20P
[Old version datasheet]   Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
National Semiconductor ...
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
Texas Instruments
LM4911 TI-LM4911_15 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
PCM2704C TI1-PCM2704C_14 Datasheet
1Mb / 41P
[Old version datasheet]   Stereo Audio DAC with USB Interface Single-Ended Headphone Output and S/PDIF Output
PCM2704C TI1-PCM2704C Datasheet
969Kb / 40P
[Old version datasheet]   Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com