Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2164D51 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC2164D51
Description  ICs for use with Crystal Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2164D51 Datasheet(HTML) 7 Page - Torex Semiconductor

  XC2164D51 Datasheet HTML 1Page - Torex Semiconductor XC2164D51 Datasheet HTML 2Page - Torex Semiconductor XC2164D51 Datasheet HTML 3Page - Torex Semiconductor XC2164D51 Datasheet HTML 4Page - Torex Semiconductor XC2164D51 Datasheet HTML 5Page - Torex Semiconductor XC2164D51 Datasheet HTML 6Page - Torex Semiconductor XC2164D51 Datasheet HTML 7Page - Torex Semiconductor XC2164D51 Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
XC2164A51D
3.3V Operation (Unless otherwise stated, VDD=3.3V, Oscillation Frequency f0=48MHz, No Load, Ta=-30 ~ + 80
OC)
SWITCHING CHARACTERISTICS
XC2164A51M, T, V Fundamental
(Unless otherwise stated, VDD=3.3V or 5.0V, No Load, Ta=30 ~ + 80
OC)
note 1 : the values for tr, tf are the designed values.
XC2164A51A ~ XC2164A51L 3rd Overtone
(Unless otherwise stated, VDD=3.3V or 5.0V, No Load, Ta=30 ~ + 80
OC)
note 1 : the values for tr, tf are the designed values.
Output Rise Time (note 1)
tr
TTL : Load=10TTL, 0.4V
→2.4V
CMOS: CL=15pF 0.1VDD
→0.9VDD
1.5
PARAMETER
CMOS: CL=15pF 0.9VDD
→0.1VDD
SYMBOL
MIN
CONDITIONS
Output Duty Cycle
DUTY
1.5
TTL : Load=10TTL, 2.4V
→0.4V
CMOS: CL=15pF @ 0.5VDD
TTL : Load=10TTL, 1.4V
Output Fall Time (note 1)
tf
Output Rise Time (note 1)
PARAMETER
55
SYMBOL
CONDITIONS
45
tr
CMOS: CL=15pF 0.1VDD
→0.9VDD
1.5
Output Fall Time (note 1)
tf
CMOS: CL=15pF 0.9VDD
→0.1VDD
CMOS: CL=15pF @ 0.5VDD
45
45
MAX
MIN
TYP
55
MAX
1.5
1.5
TYP
XC2164 Series
ICs for use with Crystal Oscillators
'L' Level Output Voltage
Supply Current 1
Supply Current 2
Operating Voltage
'H' Level Input Voltage
'L' Level Input Voltage
Input Pull-Up Resitance 1
Input Pull-Up Resitance 2
Internal Oscillation Feedback
Resistance
Output Disable Leakage Current
V
UNITS CIRCUITS
V
1
V
1
V
2
V
2
mA
3
µA
3
M
4
k
4
k
5
µA
6
TYP
MAX
/INH=Open, Q0=Open
XC2164A51D, F0=55MHz
CMOS : 2.97V, IOH = 8mA
CMOS : 2.97V, IOH = - 8mA
CONDITIONS
SYMBOL
STANDARD VALUES
2.4
2.70
3.30
3.63
MIN
0.4
2.5
0.4
6.5
(10)
10
1.0
2.0
4.0
35
70
140
Rup2
/INH = 'L', Q0=Open
/INH = 'L'
/INH = 0.7VDD
2.0
VOL
IDD1
IDD2
Rup1
PARAMETER
VIH
VIL
VOH
VDD
'H' Level Output Voltage
Rf
Ioz
UNITS
ns
/INH = 'L'
XC2164A51D
3.5
%
UNITS
ns
ns
ns
ns
%
ns
%
1.5
55
Output Duty Cycle
DUTY
Semiconductor Ltd.
7


Similar Part No. - XC2164D51

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2164D51ACF TOREX-XC2164D51ACF Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164D51ACL TOREX-XC2164D51ACL Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164D51ACR TOREX-XC2164D51ACR Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164D51ACT TOREX-XC2164D51ACT Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164D51AMF TOREX-XC2164D51AMF Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
More results

Similar Description - XC2164D51

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_15 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com