Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS4982-CTA Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS4982-CTA
Description  Video Sync Separators with 50% Sync Slicing
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4982-CTA Datasheet(HTML) 1 Page - Gennum Corporation

  GS4982-CTA Datasheet HTML 1Page - Gennum Corporation GS4982-CTA Datasheet HTML 2Page - Gennum Corporation GS4982-CTA Datasheet HTML 3Page - Gennum Corporation GS4982-CTA Datasheet HTML 4Page - Gennum Corporation GS4982-CTA Datasheet HTML 5Page - Gennum Corporation GS4982-CTA Datasheet HTML 6Page - Gennum Corporation GS4982-CTA Datasheet HTML 7Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document No. 521 - 61 - 01
DATA SHEET
GENNUM CORPORATION P.O. Box 489, Stn A, Burlington, Ontario, Canada L7R 3Y3 tel. (905) 632-2996 fax: (905) 632-5946
Gennum Japan: Shinjuku Green Tower Building 27F 6-14-1, Nishi Shinjuku Shinjuku-ku, Tokyo 160-0023 Japan
Tel: +81 (03) 3349-5501
Fax: +81 (03) 3349-5505
Patent Pending.
GS4882, GS4982 Video Sync
Separators with 50% Sync Slicing
FEATURES
DESCRIPTION
The GS4882 and GS4982 are precision sync separators for
extracting timing information from NTSC, PAL, and SECAM
video signals. The GS4882 generates noise immune and
temperature stable composite sync, vertical sync, back porch
and odd/even field signals. The GS4982 provides a horizontal
sync output for those applications requiring horizontal sync
extraction.
The GS4882 and GS4982 feature an internal color burst filter
for minimization of spurious timing information and the reduction
of external component count. The precision 50% sync slicing
feature embodied in the device provides for superior sync
extraction in the presence of noise and varying sync pulse
amplitudes. The high performance dual mode input clamp
aids in maintaining the accuracy of the internally derived 50%
sync slicing level to within ±5% as well in reducing system
start-up/recovery time. In addition, a missing pulse detector
enables the devices to quickly respond to impulse noise by
temporarily turning on a Nosync Recovery Current connected
to the dual mode input clamp. The input stage will operate with
input signal amplitudes ranging from +0.5 to +4.0V peak to
peak with a +5V supply voltage.
The GS4882 and GS4982 have robust signal detection and
output muting circuitry. Should valid video be removed from
the device input, the absence of video will be automatically
detected and all outputs muted to a logic high state after a
defined probation period. Upon the return of a valid video
signal, device outputs are enabled after receiving 8 lines of
video. An internal frequency to voltage converter also allows
the device to differentiate between valid and invalid input
signals by analyzing the horizontal scan rate of the input signal
and comparing it against the expected input signal scan rate.
The GS4882 and GS4982 are available in standard 8 pin PDIP
and SOIC packages, operate with a + 4.5 to +13.2 volt supply
voltage range and typically consume less than 6 mA of current
with a +5 V supply voltage.
• precision 50% sync slicing
• internal color burst filter
• ±5 ns temperature stability
• superior noise immunity
• robust signal detection/output muting circuitry
• high performance dual mode input clamp
• 0.5 V to 4.0 Vpp input signal with +5 V supply
• composite, vertical, back porch, odd/even outputs
• horizontal sync output available with GS4982
• +4.5 V to +13.2 V supply voltage range
• Pb-free and Green
R
SET
GROUND
V
cc
VERTICAL
SYNC OUT
1
2
3
4
8
7
6
5
GROUND
V
cc
1
2
3
4
8
7
6
5
GS4882
VERTICAL
SYNC OUT
R
SET
GS4982
ODD/EVEN
BACK PORCH
BACK PORCH
ODD/EVEN
PIN CONNECTIONS
COMPOSITE
SYNC OUT
COMPOSITE
VIDEO IN
HORIZONTAL
COMPOSITE
VIDEO IN
Revision date: July 2004
Part Number
Package
Temperature
Pb-Free
Type
Range
and Green
GS4882-CDA
8 pin PDIP
0° C to 70° C
No
GS4882-CKA
8 pin SOIC
0° C to 70° C
No
GS4882-CTA
8 pin SOIC Tape
0° C to 70° C
No
GS4982-CDA
8 pin PDIP
0° C to 70° C
No
GS4982-CKA
8 pin SOIC
0° C to 70° C
No
GS4982-CTA
8 pin SOIC Tape
0° C to 70° C
No
GS4882-CKAE3
8 pin SOIC
0° C to 70° C
Yes
GS4982-CKAE3
8 pin SOIC
0° C to 70° C
Yes
ORDERING INFORMATION


Similar Part No. - GS4982-CTA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS4981 GENNUM-GS4981 Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4981 GENNUM-GS4981 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
GS4981-CDA GENNUM-GS4981-CDA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4981-CKA GENNUM-GS4981-CKA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4981-CTA GENNUM-GS4981-CTA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
More results

Similar Description - GS4982-CTA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1881 GENNUM-GS1881 Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS1881 GENNUM-GS1881_09 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
logo
National Semiconductor ...
54ACT715 NSC-54ACT715 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com