Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS4982-CDA Datasheet(PDF) 4 Page - Gennum Corporation

Part # GS4982-CDA
Description  Video Sync Separators with 50% Sync Slicing
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4982-CDA Datasheet(HTML) 4 Page - Gennum Corporation

  GS4982-CDA Datasheet HTML 1Page - Gennum Corporation GS4982-CDA Datasheet HTML 2Page - Gennum Corporation GS4982-CDA Datasheet HTML 3Page - Gennum Corporation GS4982-CDA Datasheet HTML 4Page - Gennum Corporation GS4982-CDA Datasheet HTML 5Page - Gennum Corporation GS4982-CDA Datasheet HTML 6Page - Gennum Corporation GS4982-CDA Datasheet HTML 7Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4 of 7
521 - 61 - 01
The GS4882 and GS4982 determine odd/even field information
by comparing vertical sync with an internally generated
horizontal sync. This output is clocked out by the falling edge
of vertical sync. The odd/even output is low during even fields
and high during odd fields.
This method of determining odd / even field information
provides for superior noise immunity. Noise during the pre-
equalizing pulses does not affect the output since the field
decision is made at the beginning of the vertical interval. This
noise immunity is displayed in Figure 4 in which an extra pre-
equalizing pulse has been added to the video input with no
negative effect on the odd/even field information.
HORIZONTAL OUTPUT (pin 1 on GS4982)
As mentioned previously, the odd/even field output of the
device is generated by comparing vertical sync with an
internal horizontal sync signal. This horizontal sync signal is
a true horizontal signal (i.e. maintained during the vertical
interval) and is output on pin 1 of the GS4982. A delay of 420
ns and a width of 8.0 µs are typical for this signal. The internal
Windowing Circuit which generates horizontal sync provides
excellent impulse noise immunity as shown in Figure 5.
BACK PORCH OUTPUT (pin 5)
In an NTSC composite video signal, horizontal sync pulses
are followed by the back porch interval. The GS4882 and
GS4982 generate a negative going pulse on pin 5 during this
time. It is delayed typically 525 ns from the rising edge of sync
and has a typical width of 2.5 µs.
During the pre-equalizing, vertical sync and post equalizing
periods, composite sync doubles in frequency. The GS4882
and GS4982 maintain the back porch output at the horizontal
rate due to a Back Porch Enable (BPEN) signal, generated by
the internal Windowing Circuit, which forces back porch to be
output at the horizontal rate.
This gating circuit is also the reason for the excellent impulse
noise immunity of the back porch output as shown in Figure 3.
VERTICAL SYNC OUTPUT (pin 3)
The vertical sync interval is detected by integrating the
composite sync pulses. The first broad pulse causes an
internal capacitor to charge past a fixed threshold and raises
an internal vertical flag. Once the vertical flag is raised, the
positive edge of the next serration clocks out the vertical
output. When the vertical sync interval ends, the first post
equalizing pulse is unable to charge the capacitor sufficiently,
causing the vertical interval flag to go high. The rising edge of
the second post-equalizing pulse then clocks out the high flag
to end the vertical sync pulse. The vertical output is clocked
in and out and therefore is a fixed width. Since the vertical
detector is designed as a true integrator, it provides improved
noise immunity.
ODD/EVEN OUTPUT (pin 7)
NTSC, PAL and SECAM composite video standards are
interlaced video schemes and therefore have odd and even
fields. For odd fields, the first broad vertical sync pulse is
coincident with the start of horizontal, while for even fields, the
first broad vertical sync pulse starts in the middle of a
horizontal line.
Impulse
Noise
Video
Input
Odd / Even
Output
Fig. 4 Noise Immunity of Odd/Even Output
Video
Input
Impulse
Noise
Horizontal
Output
Fig. 5
Noise Immunity of Horizontal Sync Output
Even
Odd
Video
Input
Back
Porch
Output
Impulse
Noise
Fig. 3 Noise Immunity of Back Porch Output


Similar Part No. - GS4982-CDA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS4981 GENNUM-GS4981 Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4981 GENNUM-GS4981 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
GS4981-CDA GENNUM-GS4981-CDA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4981-CKA GENNUM-GS4981-CKA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4981-CTA GENNUM-GS4981-CTA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
More results

Similar Description - GS4982-CDA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1881 GENNUM-GS1881 Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS1881 GENNUM-GS1881_09 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
logo
National Semiconductor ...
54ACT715 NSC-54ACT715 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com