Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09269A-9AC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C09269A-9AC
Description  16K x16/18 Synchronous Dual Port Static RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09269A-9AC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C09269A-9AC Datasheet HTML 4Page - Cypress Semiconductor CY7C09269A-9AC Datasheet HTML 5Page - Cypress Semiconductor CY7C09269A-9AC Datasheet HTML 6Page - Cypress Semiconductor CY7C09269A-9AC Datasheet HTML 7Page - Cypress Semiconductor CY7C09269A-9AC Datasheet HTML 8Page - Cypress Semiconductor CY7C09269A-9AC Datasheet HTML 9Page - Cypress Semiconductor CY7C09269A-9AC Datasheet HTML 10Page - Cypress Semiconductor CY7C09269A-9AC Datasheet HTML 11Page - Cypress Semiconductor CY7C09269A-9AC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
CY7C09269A
CY7C09369A
Document #: 38-06050 Rev. *A
Page 8 of 17
Switching Waveforms
Read Cycle for Flow-Through Output (FT/PIPE = VIL)
[11, 12, 13, 14]
Read Cycle for Pipelined Operation (FT/PIPE = VIH)
[11, 12, 13, 14]
Notes:
11. OE is asynchronously controlled; all other inputs are synchronous to the rising clock edge.
12. ADS = VIL, CNTEN and CNTRST = VIH.
13. The output is disabled (high-impedance state) by CE0=VIH or CE1 = VIL following the next rising edge of the clock.
14. Addresses do not have to be accessed sequentially since ADS = VIL constantly loads the address on the rising edge of the CLK. Numbers are for reference only.
tCH1
tCL1
tCYC1
tSC
tHC
tDC
tOHZ
tOE
tSC
tHC
tSW
tHW
tSA
tHA
tCD1
tCKHZ
tDC
tOLZ
tCKLZ
An
An+1
An+2
An+3
Qn
Qn+1
Qn+2
CLK
CE0
CE1
R/W
ADDRESS
DATAOUT
OE
tCH2
tCL2
tCYC2
tSC
tHC
tSW
tHW
tSA
tHA
An
An+1
CLK
CE0
CE1
R/W
ADDRESS
DATAOUT
OE
An+2
An+3
tSC
tHC
tOHZ
tOE
tOLZ
tDC
tCD2
tCKLZ
Qn
Qn+1
Qn+2
1 Latency


Similar Part No. - CY7C09269A-9AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V-12AC CYPRESS-CY7C09269V-12AC Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V-12AC CYPRESS-CY7C09269V-12AC Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V-12AXC CYPRESS-CY7C09269V-12AXC Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09269A-9AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09279 CYPRESS-CY7C09279_02 Datasheet
350Kb / 18P
   32K/64K x16/18 Synchronous Dual Port Static RAM
CY7C026A CYPRESS-CY7C026A Datasheet
360Kb / 17P
   16K x 16/18 Dual-Port Static RAM
CY7C026A CYPRESS-CY7C026A_05 Datasheet
469Kb / 18P
   16K x 16/18 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT709379L9PF IDT-IDT709379L9PF Datasheet
187Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
logo
Renesas Technology Corp
709379 RENESAS-709379 Datasheet
360Kb / 17P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT70V9369L IDT-IDT70V9369L_16 Datasheet
713Kb / 17P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369 IDT-IDT70V9369 Datasheet
193Kb / 15P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709379 IDT-IDT709379_18 Datasheet
210Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com