Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY117 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. CNY117
Description  Optocoupler, Phototransistor Output, With Base Connection, 110 Degrees Celcious Rated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY117 Datasheet(HTML) 4 Page - Vishay Siliconix

  CNY117 Datasheet HTML 1Page - Vishay Siliconix CNY117 Datasheet HTML 2Page - Vishay Siliconix CNY117 Datasheet HTML 3Page - Vishay Siliconix CNY117 Datasheet HTML 4Page - Vishay Siliconix CNY117 Datasheet HTML 5Page - Vishay Siliconix CNY117 Datasheet HTML 6Page - Vishay Siliconix CNY117 Datasheet HTML 7Page - Vishay Siliconix CNY117 Datasheet HTML 8Page - Vishay Siliconix CNY117 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 83876
Rev. 1.4, 10-Jan-05
CNY117
Vishay Semiconductors
Switching Characteristics
Linear operation (without saturation)
Switching operation (with saturation)
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Turn-on time
IF = 10 mA, VCC = 5.0 V,
RL = 75 W
ton
3.0
µs
Rise time
IF = 10 mA, VCC = 5.0 V,
RL = 75 W
tr
2.0
µs
Turn-off time
IF = 10 mA, VCC = 5.0 V,
RL = 75 W
toff
2.3
µs
Fall time
IF = 10 mA, VCC = 5.0 V,
RL = 75 W
tf
2.0
µs
Cut-off frequency
IF = 10 mA, VCC = 5.0 V,
RL = 75 W
fCO
250
kHz
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Turn-on time
IF = 20 mA
CNY117-1
ton
3.0
µs
IF = 10 mA
CNY117-2
ton
4.2
µs
CNY117-3
ton
4.2
µs
IF = 5.0 mA
CNY117-4
ton
6.0
µs
Rise time
IF = 20 mA
CNY117-1
tr
2.0
µs
IF = 10 mA
CNY117-2
tr
3.0
µs
CNY117-3
tr
3.0
µs
IF = 5.0 mA
CNY117-4
tr
4.6
µs
Turn-off time
IF = 20 mA
CNY117-1
toff
18
µs
IF = 10 mA
CNY117-2
toff
23
µs
CNY117-3
toff
23
µs
IF = 5.0 mA
CNY117-4
toff
25
µs
Fall time
IF = 20 mA
CNY117-1
tf
11
µs
IF = 10 mA
CNY117-2
tf
14
µs
CNY117-3
tf
14
µs
IF = 5.0 mA
CNY117-4
tf
15
µs
Figure 1. Permissible Power Dissipation vs. Ambient Temperature
0
25
50
75
100
125
150
175
0
20406080
100
120
18777
Detector
LED
T
– Ambient Temperature ( C )
amb
Figure 2. Forward Voltage vs. Forward Current
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.10
1.00
10.00
100.00
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.10
1.00
10.00
100.00
IF – Forward Current ( mA )
17577
110 C
0 C
50 C
25 C
–55 C


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn