Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY117 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. CNY117
Description  Optocoupler, Phototransistor Output, With Base Connection, 110 Degrees Celcious Rated
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY117 Datasheet(HTML) 1 Page - Vishay Siliconix

  CNY117 Datasheet HTML 1Page - Vishay Siliconix CNY117 Datasheet HTML 2Page - Vishay Siliconix CNY117 Datasheet HTML 3Page - Vishay Siliconix CNY117 Datasheet HTML 4Page - Vishay Siliconix CNY117 Datasheet HTML 5Page - Vishay Siliconix CNY117 Datasheet HTML 6Page - Vishay Siliconix CNY117 Datasheet HTML 7Page - Vishay Siliconix CNY117 Datasheet HTML 8Page - Vishay Siliconix CNY117 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CNY117
Document Number 83876
Rev. 1.4, 10-Jan-05
Vishay Semiconductors
www.vishay.com
1
i179004
i179004
1
2
3
6
5
4
B
C
E
A
C
NC
Pb
Pb-free
e3
Optocoupler, Phototransistor Output, With Base Connection,
110 °C Rated
Features
• Operating temperature from - 55 °C to + 110 °C
• Breakdown Voltage, 5300 VRMS
• Long Term Stability
• Industry Standard Dual-in-Line Package
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL1577, File No. E52744 System Code H or J,
Double Protection
• DIN EN 60747-5-2 (VDE0884)
• CUL - File No. E52744, equivalent to CSA bulletin
5A
Applications
AC adapter
SMPS
PLC
Factory Automation
Game Consoles
Description
The CNY117 is a 110 °C rated optocoupler consisting
of a Gallium Arsenide infrared emitting diode optically
coupled to a silicon planar phototransistor detector in
a plastic plug-in DIP-6 package.
The coupling device is suitable for signal transmission
between two electrically separated circuits. The
potential difference between the circuits to be coupled
is not allowed to exceed the maximum permissible
reference voltages.
Order Information
For additional information on the available options refer to
Option Information.
Part
Remarks
CNY117-1
CTR 40 - 80 %, DIP-6
CNY117-2
CTR 63 - 125 %, DIP-6
CNY117-3
CTR 100 - 200 %, DIP-6
CNY117-4
CTR 160 - 320 %, DIP-6


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn