Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY117 Datasheet(PDF) 7 Page - Vishay Siliconix

Part No. CNY117
Description  Optocoupler, Phototransistor Output, With Base Connection, 110 Degrees Celcious Rated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY117 Datasheet(HTML) 7 Page - Vishay Siliconix

  CNY117 Datasheet HTML 1Page - Vishay Siliconix CNY117 Datasheet HTML 2Page - Vishay Siliconix CNY117 Datasheet HTML 3Page - Vishay Siliconix CNY117 Datasheet HTML 4Page - Vishay Siliconix CNY117 Datasheet HTML 5Page - Vishay Siliconix CNY117 Datasheet HTML 6Page - Vishay Siliconix CNY117 Datasheet HTML 7Page - Vishay Siliconix CNY117 Datasheet HTML 8Page - Vishay Siliconix CNY117 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CNY117
Document Number 83876
Rev. 1.4, 10-Jan-05
Vishay Semiconductors
www.vishay.com
7
Figure 15. Normalized HFE vs. Base Current
Figure 16. Normalized HFE vs. Base Current
Figure 17. Normalized Photocurrent vs. Forward current
0.7
0.8
0.9
1.0
1.1
1.2
0.10
1.00
10.00
100.00
IB – Base Current ( mA )
17581
Normalized to
IB = 20 A, Tamb = 25_C,
VCE= 5 V, non–saturated
110 C
0 C
50 C
25 C
–55 C
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.01
0.10
1.00
10.00
100.00
IB – Base Current ( mA )
17582
Normalized to
IB = 20 A, Tamb = 25_C,
VCE= 0.4 V, saturated
110 C
0 C
50 C
25 C
–55 C
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
I
– Forward Current (mA)
18786
0°C
25 °C
50 °C
75 °C
F
Normalized to I = 10 mA,
Temp = 25°C and
F
CE
V= 5 V


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn