Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY117 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. CNY117
Description  Optocoupler, Phototransistor Output, With Base Connection, 110 Degrees Celcious Rated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY117 Datasheet(HTML) 5 Page - Vishay Siliconix

  CNY117 Datasheet HTML 1Page - Vishay Siliconix CNY117 Datasheet HTML 2Page - Vishay Siliconix CNY117 Datasheet HTML 3Page - Vishay Siliconix CNY117 Datasheet HTML 4Page - Vishay Siliconix CNY117 Datasheet HTML 5Page - Vishay Siliconix CNY117 Datasheet HTML 6Page - Vishay Siliconix CNY117 Datasheet HTML 7Page - Vishay Siliconix CNY117 Datasheet HTML 8Page - Vishay Siliconix CNY117 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CNY117
Document Number 83876
Rev. 1.4, 10-Jan-05
Vishay Semiconductors
www.vishay.com
5
Figure 3. Collector Current vs. Collector Emitter Voltage
Figure 4. Collector to Emitter Dark Current vs. Ambient
Temperature
Figure 5. Normalized Current vs. Collector Emitter Saturation
Voltage
0
5
10
15
20
25
30
35
40
45
50
0 123 4567 89 10 11 12 13 14 15
V
– Collector Emitter Voltage (V)
18733
CE
I
= 30 mA
I
=1mA
I= 5 mA
I
= 10 mA
I= 15 mA
I = 20 mA
F
F
F
F
F
F
0.10
1
10
100
1000
10000
–75
–25
25
75
125
T
– Ambient Temperature ( °C )
18734
amb
40 V
12 V
24 V
0
10
20
30
0.0
0.1
0.2
0.3
0.4
0.5
0.6
V
– Collector to Emitter Voltage (V)
18735
25 mA
10 mA
5mA
1mA
2mA
CE
Figure 6. Normalized Current Transfer Ratio vs. Ambient
Temperature
Figure 7. Normalized Current Transfer Ratio vs. Ambient
Temperature
Figure 8. Normalized CTR vs. Forward Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
–55 –35 –15
5
25
45
65
85 105 125
Tamb – Ambient Temperature ( C )
17578
Normalized to
IF = 10 mA, Tamb = 25_C,
VCE= 0.4 V, saturated
IF = 10 mA
5 mA
1 mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
–55 –35 –15
5
25
45
65
85 105 125
Tamb – Ambient Temperature ( C )
17579
Normalized to
IF = 10 mA, Tamb = 25_C,
VCE= 5 V, non–saturated
IF = 10 mA
5 mA
1 mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.10
1.00
10.00
100.00
IF – Forward Current ( mA )
17580
Normalized to
IF = 10 mA, Tamb = 25_C,
VCE= 5 V, non–saturated
–4
–1
–3
–2


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn