Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXHZ6400A Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPXHZ6400A
Description  Media Resistant and High Temperature Accuracy Intergrated Silicon Pressure Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXHZ6400A Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPXHZ6400A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXHZ6400A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXHZ6400A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXHZ6400A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXHZ6400A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXHZ6400A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXHZ6400A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXHZ6400A Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Sensors
4
Freescale Semiconductor
MPXHZ6400A
Figure 2 illustrates a typical application circuit (output
source current operation).
Figure 3 shows the sensor output signal relative to
pressure input. Typical minimum and maximum output
curves are shown for operation over 0 to 85
°C temperature
range. The output will saturate outside of the rated pressure
range.
A gel die coat isolates the die surface and wire bonds from
the environment, while allowing the pressure signal to be
transmitted to the silicon diaphragm. The MPXHZ6400A
series pressure sensor operating characteristics, internal
reliability and qualification tests are based on use of dry air as
the pressure media. Media other than dry air may have
adverse effects on sensor performance and long-term
reliability. Contact the factory for information regarding media
compatibility in your application.
Figure 2. Typical Application Circuit
(Output Source Current Operation)
Figure 3. Output versus Absolute Pressure
VS Pin 2
+5.0 V
GND Pin 3
VOUT Pin 4
MPXHZ6400A
To ADC
100 nF
51 K
47 pF
Pressure (Reference to Sealed Vacuum) in kPa
Transfer Function:
VOUT = VS x (0.002421xP–0.00842 ± Error
VS = 5.0 VDC
Temperature = 0 to 85°C
MIN
TYP
MAX
4.5
0
4.0
5.0
1.0
1.5
2.0
2.5
3.0
3.5
0.5


Similar Part No. - MPXHZ6400A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPXHZ6400A6T1 NXP-MPXHZ6400A6T1 Datasheet
303Kb / 15P
   MPXH6400A, 20 to 400 kPa, Absolute, Integrated Pressure Sensor
Rev. 6, 03/2017
logo
Freescale Semiconductor...
MPXHZ6400AC6T1 FREESCALE-MPXHZ6400AC6T1 Datasheet
189Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
NXP Semiconductors
MPXHZ6400AC6T1 NXP-MPXHZ6400AC6T1 Datasheet
303Kb / 15P
   MPXH6400A, 20 to 400 kPa, Absolute, Integrated Pressure Sensor
Rev. 6, 03/2017
More results

Similar Description - MPXHZ6400A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXAZ6115A MOTOROLA-MPXAZ6115A Datasheet
251Kb / 12P
   Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
Freescale Semiconductor...
MPXAZ6115A FREESCALE-MPXAZ6115A Datasheet
355Kb / 15P
   Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXHZ6250A FREESCALE-MPXHZ6250A Datasheet
228Kb / 8P
   Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXHZ6130A FREESCALE-MPXHZ6130A_10 Datasheet
186Kb / 11P
   Media Resistant and High Silicon Pressure Sensor for Measuring Absolute Pressure
logo
Motorola, Inc
MPXH6250A MOTOROLA-MPXH6250A Datasheet
293Kb / 8P
   HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXV6115V FREESCALE-MPXV6115V Datasheet
97Kb / 8P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6400A FREESCALE-MPXA6400A Datasheet
189Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6115A FREESCALE-MPXA6115A_12 Datasheet
286Kb / 17P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
Motorola, Inc
MPXH6300A MOTOROLA-MPXH6300A Datasheet
303Kb / 8P
   HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXH6300A FREESCALE-MPXH6300A_12 Datasheet
186Kb / 13P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com