Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM337BT Datasheet(PDF) 5 Page - ON Semiconductor

Part # LM337BT
Description  THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM337BT Datasheet(HTML) 5 Page - ON Semiconductor

  LM337BT Datasheet HTML 1Page - ON Semiconductor LM337BT Datasheet HTML 2Page - ON Semiconductor LM337BT Datasheet HTML 3Page - ON Semiconductor LM337BT Datasheet HTML 4Page - ON Semiconductor LM337BT Datasheet HTML 5Page - ON Semiconductor LM337BT Datasheet HTML 6Page - ON Semiconductor LM337BT Datasheet HTML 7Page - ON Semiconductor LM337BT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LM337
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 5. Load Regulation
Figure 6. Current Limit
Figure 7. Adjustment Pin Current
Figure 8. Dropout Voltage
Figure 9. Temperature Stability
Figure 10. Minimum Operating Current
IL = 0.5 A
IL = 1.5 A
Vin = –15 V
Vout = –10 V
TJ = 25°C
1.0 A
500 mA
200 mA
20 mA
Vout = –5.0 V
∆VO = 100 mV
IL = 1.5 A
TJ = 25°C
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
4.0
3.0
2.0
1.0
0
80
75
70
65
60
55
50
45
40
3.0
2.5
2.0
1.5
1.0
1.27
1.26
1.25
1.24
1.23
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–50
–25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
010
20
30
40
Vin–Vout , INPUT–OUTPUT VOLTAGE DIFFERENTIAL (Vdc)
–50
–25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
10
20
30
40
0
Vin–Vout , INPUT–OUTPUT VOLTAGE DIFFERENTIAL (Vdc)


Similar Part No. - LM337BT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337BT ONSEMI-LM337BT Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337BT ONSEMI-LM337BT Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337BTG ONSEMI-LM337BTG Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337BTG ONSEMI-LM337BTG Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337BTG ONSEMI-LM337BTG Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
More results

Similar Description - LM337BT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337M ONSEMI-LM337M Datasheet
158Kb / 8P
   MEDIUM CURRENT THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
logo
Shenzhen Jin Yu Semicon...
LM79L12 HTSEMI-LM79L12 Datasheet
988Kb / 2P
   Three-terminal negative voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L08 WINNERJOIN-WEJ78L08_15 Datasheet
143Kb / 1P
   Three-terminal negative voltage regulator
WEJ79L09 WINNERJOIN-WEJ79L09 Datasheet
128Kb / 1P
   Three-terminal negative voltage regulator
logo
Jiangsu Changjiang Elec...
CJ7908 JIANGSU-CJ7908 Datasheet
794Kb / 3P
   Three-terminal negative voltage regulator
CJ7915F JIANGSU-CJ7915F Datasheet
1Mb / 2P
   Three-terminal negative voltage regulator
CJ7912 JIANGSU-CJ7912 Datasheet
788Kb / 3P
   Three-terminal negative voltage regulator
CJ79L05-SOT-23-3L JIANGSU-CJ79L05-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
CJ79L09-SOT-23-3L JIANGSU-CJ79L09-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com