Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTW-2S3D7 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTW-2S3D7
Description  Low power consumption, High efficiency, Versatile mounting on p.c. board or panel
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-2S3D7 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTW-2S3D7 Datasheet HTML 1Page - Lite-On Technology Corporation LTW-2S3D7 Datasheet HTML 2Page - Lite-On Technology Corporation LTW-2S3D7 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-2S3D7 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-2S3D7 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-2S3D7 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-2S3D7 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-2S3D7 Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Electrical / Optical Characteristics at Ta=25℃
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITION
Luminous Intensity
Iv
10000
13000
mcd
IF = 20mA
Note 1,2,3
Iv Spec. Table
Viewing Angle
1/2
15
deg
Note 4
x
0.30
Chromaticity Coordinates
y
0.30
IF = 20mA
Note 5
Hue Spec. Table &
Chromaticity Diagram
Forward Voltage
VF
3.3
3.8
V
IF = 20mA
Reverse Current
IR
100
μA
VR = 5V
NOTE: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE
eye-response curve.
2. The Iv guarantee should be added ±15﹪tolerance.
3. Iv classification code is marked on each packing bag.
4. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
5. The chromaticity coordinates (x, y) is derived from the 1931 CIE chromaticity diagram.
6. Precautions in handling:
‧ When soldering, leave 2mm of minimum clearance from the resin to the soldering point.
‧ Dipping the resin to solder must be avoided.
‧ Correcting the soldered position after soldering must be avoided.
‧ In soldering, do not apply any stress to the lead frame particularly when heated.
‧ Lead forming must be done before soldering.
‧ It is necessary to cut the lead frame at normal temperature.
7. Caution in ESD:
Static Electricity and surge damages the LED. It is recommend to use a wrist band or
anti-electrostatic glove when handling the LED. All devices, equipment and machinery
must be properly grounded.
Part No. : LTW-2S3D7
Page :
3
of
8
BNS-OD-C131/A4


Similar Part No. - LTW-2S3D7

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-2S3D7-012 LITEON-LTW-2S3D7-012 Datasheet
222Kb / 9P
   Property of Lite-On Only
LTW-2S3D7-2 LITEON-LTW-2S3D7-2 Datasheet
201Kb / 8P
   Property of Lite-On Only
LTW-2S3D7S LITEON-LTW-2S3D7S Datasheet
271Kb / 8P
   Property of Lite-On Only
More results

Similar Description - LTW-2S3D7

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL353TBK LITEON-LTL353TBK Datasheet
152Kb / 4P
   Low power consumption High efficiency Veratile mounting on p.c board or panel
logo
BetLux Electronics
BL-D30E-21 BETLUX-BL-D30E-21 Datasheet
316Kb / 5P
   Easy mounting on P.C. Boards or sockets
BL-D30G-21 BETLUX-BL-D30G-21 Datasheet
346Kb / 5P
   Easy mounting on P.C. Boards or sockets
BL-D30I-21 BETLUX-BL-D30I-21 Datasheet
341Kb / 5P
   Easy mounting on P.C. Boards or sockets
logo
Lite-On Technology Corp...
LTW-42NC5 LITEON-LTW-42NC5 Datasheet
195Kb / 8P
   Low power consumption, High efficiency
logo
DB Lectro Inc
NG6D DBLECTRO-NG6D Datasheet
73Kb / 2P
   Low coil power consumption 0.2W. / PC board mounting.
NG8QN DBLECTRO-NG8QN Datasheet
120Kb / 2P
   Low coil consumption. / PC board mounting.
NPA DBLECTRO-NPA Datasheet
195Kb / 2P
   Low coil power consumption 0.12W. / PC board mounting, SIL terminal
logo
Hammond Manufacturing L...
183J12 HAMMOND-183J12 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
183G16 HAMMOND-183G16 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com