Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBCC-430 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part No. MBCC-430
Description  SM30 Series 30 mm Barrel Sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

MBCC-430 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  MBCC-430 Datasheet HTML 1Page - Banner Engineering Corp. MBCC-430 Datasheet HTML 2Page - Banner Engineering Corp. MBCC-430 Datasheet HTML 3Page - Banner Engineering Corp. MBCC-430 Datasheet HTML 4Page - Banner Engineering Corp. MBCC-430 Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wiring Diagrams
Key
1 = Brown (red/black for QD emitters/receivers)
3 = Blue (red/white for QD emitters/receivers)
4 = Green (green for QD emitters/receivers)
Emitters—Cabled
1
3
4*
10-30V dc or
12-240V ac
Emitters—QD
10-30V dc or
12-240V ac
4
1
3
AC Receivers—Cabled
1
3
4*
24-240V ac
Load
AC Receivers—QD
24-240V ac
4
1
3
Load
Note: AC emitters are not polarity-sensitive
when powered by dc voltage. For QD
emitters, use a SM30CC model cordset to
match cable colors.
*Connect the green wire to earth ground whenever a stainless steel model is powered by ac voltage. (Cabled plastic models have no
green wire.)
Key
1 = Brown
2 = White
3 = Blue
4 = Black
DC Receivers—NPN
2
3
1
4
10-30V dc
+
Load
Light Operate
2
3
1
4
10-30V dc
+
Load
Dark Operate
DC Receivers—PNP
2
3
1
4
10-30V dc
+
Load
Light Operate
2
3
1
4
10-30V dc
+
Load
Dark Operate
Cabled wiring diagrams are functionally identical.
SM30 Series 30 mm Barrel Sensors
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 03541 Rev. G


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn