Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBCC-406 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part No. MBCC-406
Description  SM30 Series 30 mm Barrel Sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

MBCC-406 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  MBCC-406 Datasheet HTML 1Page - Banner Engineering Corp. MBCC-406 Datasheet HTML 2Page - Banner Engineering Corp. MBCC-406 Datasheet HTML 3Page - Banner Engineering Corp. MBCC-406 Datasheet HTML 4Page - Banner Engineering Corp. MBCC-406 Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Datasheet
Opposed-Mode Infrared Photoelectric Sensors for Especially Demanding Applications
• Stainless steel or plastic barrel models
• Very high excess gain; 150 m (500 ft) sensing range; 880 nm Infrared LED
• Positive sealing eliminates even capillary leakage; lens is quad-ring sealed; exceeds NEMA
6P (IP67) ratings – ideal for equipment wash-down environments
• EZ-BEAM® technology provides reliable sensing without the need for adjustment
• Modulation frequency “A” is standard; frequencies “B” and “C” also available for
preventing crosstalk in multiple-sensor applications (emitter and opposed receiver
frequencies must match)
• AC- and DC-operated receiver models available; emitters feature Universal voltage
• Range for all models: 150 m (500 ft)
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to serious injury or death.
This device does not include the self-checking redundant circuitry necessary to allow its use in personnel safety
applications. A sensor failure or malfunction can cause either an energized or de-energized sensor output
condition.
Models
Modulation Frequency1
Housing
Cable2
Power Supply
Output Type
A
B
C
Emitter Models
SMA30PEL
SMA30PELB
SMA30PELC
Plastic
2 m (6.5 ft) 2-wire Cable
Universal: 12 to 240
V ac, 10 to 30 V dc
SMA30PELQD
SMA30PELQDB
SMA30PELQDC
3-pin Mini-style QD3
SMA30SEL
SMA30SELB
SMA30SELC
Stainless Steel
2 m (6.5 ft) 3-wire Cable
SMA30SELQD
SMA30SELQDB
SMA30SELQDC
3-pin Mini-style QD3
DC Receivers
SM30PRL
SM30PRLB
SM30PRLC
Plastic
2 m (6.5 ft) 4-wire Cable
10 to 30 V dc
Bi-ModalNPN or
PNP
SM30PRLQD
SM30PRLQDB
SM30PRLQDC
4-pin Mini-style QD
SM30SRL
SM30SRLB
SM30SRLC
Stainless Steel
2 m (6.5 ft) 4-wire Cable
SM30SRLQD
SM30SRLQDB
SM30SRLQDC
4-pin Mini-style QD
AC Receivers
SM2A30PRL
SM2A30PRLB
SM2A30PRLC
Plastic
2 m (6.5 ft) 2-wire Cable
24 to 240 V ac
SPST Solid-state,
L.O.
SM2A30PRLQD
SM2A30PRLQDB
SM2A30PRLQDC
3-pin Mini-style QD3
SM2A30SRL
SM2A30SRLB
SM2A30SRLC
Stainless Steel
2 m (6.5 ft) 3-wire Cable
SM2A30SRLQD
SM2A30SRLQDB
SM2A30SRLQDC
3-pin Mini-style QD3
SM2A30PRLNC
SM2A30PRLNCB
SM2A30PRLNCC
Plastic
2 m (6.5 ft) 2-wire Cable
SPST Solid-state,
D.O.
SM2A30PRLNCQD
SM2A30PRLNCQDB
SM2A30PRLNCQDC
3-pin Mini-style QD3
SM2A30SRLNC
SM2A30SRLNCB
SM2A30SRLNCC
Stainless Steel
2 m (6.5 ft) 3-wire Cable
SM2A30SRLNCQD
SM2A30SRLNCQDB
SM2A30SRLNCQDC
3-pin Mini-style QD3
1 Any emitter and receiver shown here can be used together, if they have the same modulation frequency.
2 Standard 2 m (6.5 ft) cable and integral QD models are listed. Models with a quick disconnect require a mating cordset. To order the 9 m (30 ft) PVC cable model,
add the suffix "W/30" to the cabled model number. For example, SM30PRLBW/30.
3 AC models with QD require SM30CC model cables.
SM30 Series 30 mm Barrel Sensors
Original Document
03541 Rev. G
25 May 2017
03541


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn