Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC-45C Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # UC-45C
Description  Q45AD9 NAMUR Series Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

UC-45C Datasheet(HTML) 5 Page - Banner Engineering Corp.

  UC-45C Datasheet HTML 1Page - Banner Engineering Corp. UC-45C Datasheet HTML 2Page - Banner Engineering Corp. UC-45C Datasheet HTML 3Page - Banner Engineering Corp. UC-45C Datasheet HTML 4Page - Banner Engineering Corp. UC-45C Datasheet HTML 5Page - Banner Engineering Corp. UC-45C Datasheet HTML 6Page - Banner Engineering Corp. UC-45C Datasheet HTML 7Page - Banner Engineering Corp. UC-45C Datasheet HTML 8Page - Banner Engineering Corp. UC-45C Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Approvals
Q45AD9(a)(b),
Q459E(b)
a = Sensing mode D, DL, F, FP, FV, LV, LP, CV, CV4 or R.
b = Connection method Q or blank
ATEX (European)
II 1 G Ex ia IIC T5 Ta = -40°C to 70°C - 38343; Entity
Entity Parameters: U i = 15 V dc, I i = 60 mA, P i = 225 mW, C i = 0.3 μF, L i = 0 mH.
Canadian
IS / I,II,III / 1 / ABCDEFG / T5 Ta = -40°C to 70°C - 38343; Entity
I / 0 / Ex ia / IIC / T5 Ta = -40°C to 70° C - 38343; Entity
(Non-incendive) NI / I / 2 / ABCD / T5 Ta = -40°C to 70°C
Entity Parameters: V Max = 15 V dc, I Max = 60 mA, P i = 225 mW, C i = 0.3 μF, L i = 0 mH
United States
IS / I,II,III / 1 / ABCDEFG / T5 Ta = -40°C to 70°C - 38343; Entity
I / 0 / AEx ia / IIC / T5 Ta = -40°C to 70°C - 38343; Entity
(Non-incendive) NI / I / 2 / ABCD / T5 Ta = -40°C to 70°C
S / II,III / 2 / FG* / T5 Ta = -40°C to 70°C
*Class II and III, Division 2 applies only to model numbers ending in a Q suffix.
Entity Parameters: V Max = 15 V dc, I Max = 60 mA, P i = 225 mW, C i = 0.3 μF, L i = 0 mH
IECEx
Ex ia IIC T5 Ta= -40 °C to +70 °C - 35331; Entity
Entity Parameters: U i = 15 V dc, I i = 60 mA, C i = 0.3 μF, L i = 0 mH.
Performance Curves
Opposed
Excess Gain
Beam Pattern
1
10
100
1.0 m
3.3 ft
10 m
33 ft
100 m
330 ft
0.1 m
0.33 ft
E
X
C
E
S
S
G
A
I
N
DISTANCE
1000
Q45AD9 E/R
Opposed Mode
4.8 m
16 ft
6 m
20 ft
3.6 m
12 ft
2.4 m
8 ft
1.2 m
4 ft
0
0
50 mm
100 mm
150 mm
50 mm
100 mm
150 mm
0
2 in
4 in
6 in
2 in
4 in
6 in
DISTANCE
Q45AD9 E/R
Opposed Mode
Q45AD9 NAMUR Series Sensor
P/N 38343 Rev. K
www.bannerengineering.com - Tel: +1-763-544-3164
5


Similar Part No. - UC-45C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC-4 ETC2-UC-4 Datasheet
98Kb / 1P
   P-Clips
More results

Similar Description - UC-45C

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OCS2000-M1K-N2 PF-OCS2000-M1K-N2 Datasheet
204Kb / 3P
   Retroreflective sensor, NAMUR
logo
Banner Engineering Corp...
T30AD9 BANNER-T30AD9 Datasheet
466Kb / 7P
   T30AD9 NAMUR Series Fixed-Field Sensor
logo
Pepperl+Fuchs Inc.
OCT300-M1K-N2 PF-OCT300-M1K-N2 Datasheet
204Kb / 3P
   Diffuse mode sensor, NAMUR
logo
Banner Engineering Corp...
MIAD9 BANNER-MIAD9 Datasheet
909Kb / 10P
   MINI-BEAM짰 MIAD9 NAMUR Series Sensor
logo
Turck, Inc.
BC5-M18-Y0XS918 TURCK-BC5-M18-Y0XS918 Datasheet
373Kb / 3P
   Capacitive sensor with changed NAMUR characteristic
logo
Schneider Electric
XSPN08122EX SCHNEIDER-XSPN08122EX Datasheet
118Kb / 6P
   inductive sensor Namur - M18 - Sn8mm - 7..12VDC - cable 2m
logo
PHOENIX CONTACT
102895 PHOENIX-102895 Datasheet
191Kb / 3P
   PLC Electronic Sensor Terminal Blocks for NAMUR Proximity Sensors
logo
Schneider Electric
XSPN01122EX SCHNEIDER-XSPN01122EX Datasheet
113Kb / 6P
   inductive sensor Namur - M8 - Sn1.5mm - 7..12VDC - cable 2m
XSPN15122EX SCHNEIDER-XSPN15122EX Datasheet
116Kb / 6P
   inductive sensor Namur - M30 - Sn15mm - 7..12VDC - cable 2m
XSPN02122EX SCHNEIDER-XSPN02122EX Datasheet
117Kb / 6P
   inductive sensor Namur - M12 - Sn2mm - 7..12VDC - cable 2m
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com