Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL8038 Datasheet(PDF) 7 Page - Harris Corporation

Part # ICL8038
Description  Precision Waveform Generator/ Voltage Controlled Oscillator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

ICL8038 Datasheet(HTML) 7 Page - Harris Corporation

Back Button ICL8038 Datasheet HTML 2Page - Harris Corporation ICL8038 Datasheet HTML 3Page - Harris Corporation ICL8038 Datasheet HTML 4Page - Harris Corporation ICL8038 Datasheet HTML 5Page - Harris Corporation ICL8038 Datasheet HTML 6Page - Harris Corporation ICL8038 Datasheet HTML 7Page - Harris Corporation ICL8038 Datasheet HTML 8Page - Harris Corporation ICL8038 Datasheet HTML 9Page - Harris Corporation ICL8038 Datasheet HTML 10Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
8-159
Typical Applications
The sine wave output has a relatively high output impedance
(1k
Ω Typ). The circuit of Figure 6 provides buffering, gain
and amplitude adjustment. A simple op amp follower could
also be used.
With a dual supply voltage the external capacitor on Pin 10 can
be shorted to ground to halt the ICL8038 oscillation. Figure 7
shows a FET switch, diode ANDed with an input strobe signal
to allow the output to always start on the same slope.
To obtain a 1000:1 Sweep Range on the ICL8038 the volt-
age across external resistors RA and RB must decrease to
nearly zero. This requires that the highest voltage on control
Pin 8 exceed the voltage at the top of RA and RB by a few
hundred mV. The Circuit of Figure 8 achieves this by using a
diode to lower the effective supply voltage on the ICL8038.
The large resistor on pin 5 helps reduce duty cycle variations
with sweep.
The linearity of input sweep voltage versus output frequency
can be significantly improved by using an op amp as shown
in Figure 9.
C
ICL8038
456
2
11
10
8
7
RA
100K
V-
RB
V+
AMPLITUDE
20K
+
-
741
4.7K
FIGURE 6. SINE WAVE OUTPUT BUFFER AMPLIFIERS
C
ICL8038
45
9
10
11
8
7
RA
1N914
-15V
RB
V+
STROBE
2
2N4392
1N914
15K
100K
OFF
ON
+15V (+10V)
-15V (-10V)
FIGURE 7. STROBE TONE BURST GENERATOR
0.0047
µF
DISTORTION
ICL8038
546
9
2
12
11
10
8
4.7K
-10V
3
+10V
20K
4.7K
1K
DUTY CYCLE
15K
1N457
0.1
µF
100K
15M
10K
FREQ.
IGURE 8. VARIABLE AUDIO OSCILLATOR, 20Hz TO 20kHzY
ICL8038


Similar Part No. - ICL8038

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8038 INTERSIL-ICL8038 Datasheet
152Kb / 10P
   Precision Waveform Generator/Voltage Controlled Oscillator
ICL8038 INTERSIL-ICL8038 Datasheet
353Kb / 12P
   Precision Waveform Generator/Voltage Controlled Oscillator
ICL8038 INTERSIL-ICL8038 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Renesas Technology Corp
ICL8038 RENESAS-ICL8038 Datasheet
651Kb / 12P
   Precision Waveform Generator/Voltage Controlled Oscillator
logo
Intersil Corporation
ICL8038ACJD INTERSIL-ICL8038ACJD Datasheet
152Kb / 10P
   Precision Waveform Generator/Voltage Controlled Oscillator
More results

Similar Description - ICL8038

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8038 INTERSIL-ICL8038_01 Datasheet
353Kb / 12P
   Precision Waveform Generator/Voltage Controlled Oscillator
ICL8038 INTERSIL-ICL8038 Datasheet
152Kb / 10P
   Precision Waveform Generator/Voltage Controlled Oscillator
logo
Renesas Technology Corp
ICL8038 RENESAS-ICL8038 Datasheet
651Kb / 12P
   Precision Waveform Generator/Voltage Controlled Oscillator
logo
Exar Corporation
XR8038 EXAR-XR8038 Datasheet
150Kb / 16P
   Precision Waveform Generator
XR-8038A EXAR-XR-8038A Datasheet
26Kb / 4P
   Precision Waveform Generator
logo
NTE Electronics
NTE864 NTE-NTE864 Datasheet
26Kb / 3P
   Integrated Circuit Precision Waveform Generator
logo
ASM GmbH
7075 ASM-SENSOR-7075 Datasheet
1Mb / 8P
   WAVEFORM GENERATOR
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
logo
Analog Devices
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
   Programmable Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com