Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9835CYT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # C9835CYT
Description  Low-EMI Clock Generator for Intel Mobile 133-MHz/3 SO-DIMM Chipset Systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9835CYT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button C9835CYT Datasheet HTML 7Page - Cypress Semiconductor C9835CYT Datasheet HTML 8Page - Cypress Semiconductor C9835CYT Datasheet HTML 9Page - Cypress Semiconductor C9835CYT Datasheet HTML 10Page - Cypress Semiconductor C9835CYT Datasheet HTML 11Page - Cypress Semiconductor C9835CYT Datasheet HTML 12Page - Cypress Semiconductor C9835CYT Datasheet HTML 13Page - Cypress Semiconductor C9835CYT Datasheet HTML 14Page - Cypress Semiconductor C9835CYT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
C9835
Document #: 38-07303 Rev. **
Page 11 of 18
Maximum Ratings
Maximum Input Voltage Relative to VSS: ............ VSS – 0.3V
Maximum Input Voltage Relative to VDD:............. VDD + 0.3V
Storage Temperature: ................................ –65
°C to + 150°C
Operating Temperature: .................................... 0
°C to +85°C
Maximum ESD Protection.............................................. 2 KV
Maximum Power Supply: ................................................5.5V
This device contains circuitry that protects the inputs against
damage due to high static voltages or electric field; however,
precautions should be taken to avoid application of any
voltage higher than the maximum rated voltages to this circuit.
For proper operation, VIN and VOUT should be constrained to
the range:
VSS < (VIN or VOUT) < VDD.
Unused inputs must always be tied to an appropriate logic
voltage level (either VSS or VDD).
Notes:
20. All outputs loaded per Table 7.
21. Applicable to input signals : SEL(0:1), PD# (pull-up).
22. Applicable to SDATA and SCLK.
23. Internal pull-up and pull-down resistors affect this current.
24. See Applications data that is presented later in this datasheet on crystal interfacing.
DC Parameters VDD = VDDS = 3.3V ± 5%, VDDC = VDDI = 2.5V ± 5%, TA = 0°C to +70°C
[20]
Parameter
Description
Conditions
Min.
Typ.
Max.
Units
VIL1
Input Low Voltage
Note 21
1.0
V
VIH1
Input High Voltage
2.0
V
VIL2
Input Low Voltage
Note 22
1.0
V
VIH2
Input High Voltage
2.2
V
IIL1
Input Low Current (@VIL = VSS)
For internal pull-up resistors[23]
–20
µA
IIH1
Input High Current (@VIH =VDD)20
µA
Ioz
Three-state leakage Current
10
µA
Idd3.3V
Dynamic Supply Current
295
mA
Idd2.5V
Dynamic Supply Current
CPU @ 66 MHz
60
mA
CPU @ 100 MHz
75
mA
CPU @ 133 MHz
90
mA
Ipd3.3V
Power Down Supply Current
PD# = “0”
1mA
Ipd2.5V
Power Down Supply Current
PD# = “0”
1mA
Cin
Input pin capacitance
5pF
Cout
Output pin capacitance
6pF
Lpin
Pin inductance
7nH
Cxtal
Crystal pin capacitance
Measured from Pin to Ground[24]
34
36
38
pF
VBIAS
Crystal DC Bias Voltage
0.3VDD
VDD/2
0.7VDD
V
Txs
Crystal Startup time
From stable 3.3V power supply.
40
µs
Table 7. Maximum Output Load
Clock Name
Max Load (in pF)
CPU(0:2), IOAPIC(0:1), REF, 48M0 (USB), VCH_CLK
20
PCI(0:6), SDRAM(0:5), DCLK, 3V66(0:2)
30
48M1 (DOT)
15


Similar Part No. - C9835CYT

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
C983 PERKINELMER-C983 Datasheet
859Kb / 11P
   CHANNEL PHOTO MULTIPLIER
C983P PERKINELMER-C983P Datasheet
859Kb / 11P
   CHANNEL PHOTO MULTIPLIER
More results

Similar Description - C9835CYT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9812 CYPRESS-C9812 Datasheet
269Kb / 18P
   Low EMI Clock Generator for Intel 810E Chipset Systems
logo
Pericom Semiconductor C...
PI6C410M PERICOM-PI6C410M Datasheet
928Kb / 21P
   Clock Generator for Intel PCI Express Mobile Chipset
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442 CYPRESS-CY28442 Datasheet
293Kb / 22P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com