Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9835 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # C9835
Description  Low-EMI Clock Generator for Intel Mobile 133-MHz/3 SO-DIMM Chipset Systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9835 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button C9835 Datasheet HTML 4Page - Cypress Semiconductor C9835 Datasheet HTML 5Page - Cypress Semiconductor C9835 Datasheet HTML 6Page - Cypress Semiconductor C9835 Datasheet HTML 7Page - Cypress Semiconductor C9835 Datasheet HTML 8Page - Cypress Semiconductor C9835 Datasheet HTML 9Page - Cypress Semiconductor C9835 Datasheet HTML 10Page - Cypress Semiconductor C9835 Datasheet HTML 11Page - Cypress Semiconductor C9835 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
C9835
Document #: 38-07303 Rev. **
Page 8 of 18
Serial Control Registers
Following the acknowledge of the Address Byte, two additional
bytes must be sent:
1) “Command Code “ byte
2) “Byte Count” byte.
Although the data (bits) in these two bytes are considered
“don’t care,” they must be sent and will be acknowledged. After
the Command Code and the Byte Count have been acknowl-
edged, the sequence (Byte 0, Byte 1, and Byte 2) described
below will be valid and acknowledged.
Byte 0: CPU Clock Register (1 = Enable, 0 = Disable)
Bit
@Pup[15]
Pin#[16]
Description
7
1
36
VCH_CLK
6
1
49
CPU2
5
1
50
CPU1
4
1
52
CPU0
30
Spread Spectrum ( 1 = enabled)
2
1
26
48M1(DOT)
1
1
25
48M0(USB)
00
Reserved. Set to 0
Byte 1: SDRAM Clock Register (1 = Enable, 0 = Disable)
Bit
@Pup[15]
Pin#[16]
Description
7
0
Reserved. Set to 0
6
0
Reserved. Set to 0
5
1
39
SDRAM5
4
1
40
SDRAM4
3
1
42
SDRAM3
2
1
43
SDRAM2
1
1
45
SDRAM1
0
1
46
SDRAM0
Byte 2: 3C66 Clock Register (1 = Enable, 0 = Disable)
Bit
@Pup[15]
Pin#[16]
Description
7
1
9
3V66_2 (AGP)
6
1
8
3V66_1
5
1
7
3V66_0
40
Reserved. Set to 0
3
0
Reserved. Set to 0
2
0
Reserved. Set to 0
1
0
Reserved. Set to 0
0
0
Reserved. Set to 0
Byte 3: PCI Register (1 = Enable, 0 = Disable)
Bit
@Pup[17]
Pin#[18]
Description
7
0
Reserved. Set to 0
6
120
PCI6
5
119
PCI5
4
118
PCI4
3
116
PCI3
21
15
PCI2
1
113
PCI1
0
0
SDRAM 133- MHz Mode Enable. Default is disabled = “0,” enabled = “1”
Notes:
15. The @Pup column gives the default state at power-up.
16. The Pin# column lists the relevant pin number where applicable.


Similar Part No. - C9835

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
C983 PERKINELMER-C983 Datasheet
859Kb / 11P
   CHANNEL PHOTO MULTIPLIER
C983P PERKINELMER-C983P Datasheet
859Kb / 11P
   CHANNEL PHOTO MULTIPLIER
More results

Similar Description - C9835

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9812 CYPRESS-C9812 Datasheet
269Kb / 18P
   Low EMI Clock Generator for Intel 810E Chipset Systems
logo
Pericom Semiconductor C...
PI6C410M PERICOM-PI6C410M Datasheet
928Kb / 21P
   Clock Generator for Intel PCI Express Mobile Chipset
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442 CYPRESS-CY28442 Datasheet
293Kb / 22P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com