Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUD616A Datasheet(PDF) 6 Page - Vishay Siliconix

Part # BUD616A
Description  Silicon NPN High Voltage Switching Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BUD616A Datasheet(HTML) 6 Page - Vishay Siliconix

  BUD616A Datasheet HTML 1Page - Vishay Siliconix BUD616A Datasheet HTML 2Page - Vishay Siliconix BUD616A Datasheet HTML 3Page - Vishay Siliconix BUD616A Datasheet HTML 4Page - Vishay Siliconix BUD616A Datasheet HTML 5Page - Vishay Siliconix BUD616A Datasheet HTML 6Page - Vishay Siliconix BUD616A Datasheet HTML 7Page - Vishay Siliconix BUD616A Datasheet HTML 8Page - Vishay Siliconix BUD616A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BUD616A
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 1, 20–Jan–99
6 (9)
Document Number 86501
0
2
4
6
8
10
12
0
12345
6
–IB2/IB1
13672
Tcase = 125°C
saturated switching
R-load
IC = 0.3A, IB1 = 35mA
Tcase = 25°C
Figure 10. ts vs. –IB2/IB1
0
2
4
6
8
10
12
01234
–IB2/IB1
13674
Tcase = 125°C
saturated switching
R-load
IC = 0.3A, IB1 = 70mA
Tcase = 25°C
Figure 11. ts vs. –IB2/IB1
0
0.2
0.4
0.6
0.8
1.0
0
12345
6
–IB2/IB1
13673
Tcase = 125°C
saturated switching
R-load
IC = 0.3A, IB1 = 35mA
Tcase = 25°C
Figure 12. tf vs. –IB2/IB1
0
0.2
0.4
0.6
0.8
1.0
01234
–IB2/IB1
13675
Tcase = 125°C
saturated switching
R-load
IC = 0.3A, IB1 = 70mA
Tcase = 25°C
Figure 13. tf vs. –IB2/IB1


Similar Part No. - BUD616A

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BUD600 TEMIC-BUD600 Datasheet
167Kb / 9P
   Silicon NPN Hugh Voltage Switching Transistor
BUD600-SMD TEMIC-BUD600-SMD Datasheet
167Kb / 9P
   Silicon NPN Hugh Voltage Switching Transistor
More results

Similar Description - BUD616A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BUF644 VISHAY-BUF644 Datasheet
92Kb / 9P
   Silicon NPN High Voltage Switching Transistor
Rev. 2, 20-Jan-99
BUF7216 VISHAY-BUF7216 Datasheet
92Kb / 8P
   Silicon NPN High Voltage Switching Transistor
Rev. 1, 20-Jan-99
logo
TEMIC Semiconductors
BUF742 TEMIC-BUF742 Datasheet
129Kb / 8P
   Silicon NPN High Voltage Switching Transistor
BUF636A TEMIC-BUF636A Datasheet
126Kb / 8P
   Silicon NPN High Voltage Switching Transistor
BUF744 TEMIC-BUF744 Datasheet
133Kb / 9P
   Silicon NPN High Voltage Switching Transistor
TE13004D TEMIC-TE13004D Datasheet
94Kb / 9P
   Silicon NPN High Voltage Switching Transistor
BUF654 TEMIC-BUF654 Datasheet
134Kb / 9P
   Silicon NPN High Voltage Switching Transistor
logo
Vaishali Semiconductor
BUD700D VAISH-BUD700D Datasheet
99Kb / 8P
   Silicon NPN High Voltage Switching Transistor
logo
TEMIC Semiconductors
BUF650 TEMIC-BUF650 Datasheet
88Kb / 8P
   Silicon NPN High Voltage Switching Transistor
BUF653 TEMIC-BUF653 Datasheet
132Kb / 8P
   Silicon NPN High Voltage Switching Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com