Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM337D2T Datasheet(PDF) 7 Page - ON Semiconductor

Part # LM337D2T
Description  THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM337D2T Datasheet(HTML) 7 Page - ON Semiconductor

  LM337D2T Datasheet HTML 1Page - ON Semiconductor LM337D2T Datasheet HTML 2Page - ON Semiconductor LM337D2T Datasheet HTML 3Page - ON Semiconductor LM337D2T Datasheet HTML 4Page - ON Semiconductor LM337D2T Datasheet HTML 5Page - ON Semiconductor LM337D2T Datasheet HTML 6Page - ON Semiconductor LM337D2T Datasheet HTML 7Page - ON Semiconductor LM337D2T Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LM337
7
MOTOROLA ANALOG IC DEVICE DATA
APPLICATIONS INFORMATION
Basic Circuit Operation
The LM337 is a 3–terminal floating regulator. In operation,
the LM337 develops and maintains a nominal –1.25 V
reference (Vref) between its output and adjustment terminals.
This reference voltage is converted to a programming current
(IPROG) by R1 (see Figure 17), and this constant current flows
through R2 from ground.
The regulated output voltage is given by:
Vout + Vref 1 )
R
2
R
1
) I
Adj
R
2
Since the current into the adjustment terminal (IAdj)
represents an error term in the equation, the LM337 was
designed to control IAdj to less than 100 µA and keep it
constant. To do this, all quiescent operating current is
returned to the output terminal. This imposes the requirement
for a minimum load current. If the load current is less than this
minimum, the output voltage will rise.
Since the LM337 is a floating regulator, it is only the
voltage differential across the circuit which is important to
performance, and operation at high voltages with respect to
ground is possible.
Figure 17. Basic Circuit Configuration
+
Vout
CO
R2
IPROG
R1
Adjust
Vin
LM337
Vout
+
Vref = –1.25 V Typical
Vref
Vout
IAdj
Load Regulation
The LM337 is capable of providing extremely good load
regulation, but a few precautions are needed to obtain
maximum performance. For best performance, the
programming resistor (R1) should be connected as close to
the regulator as possible to minimize line drops which
effectively appear in series with the reference, thereby
degrading regulation. The ground end of R2 can be returned
near the load ground to provide remote ground sensing and
improve load regulation.
External Capacitors
A 1.0
µF tantalum input bypass capacitor (Cin) is
recommended to reduce the sensitivity to input line
impedance.
The adjustment terminal may be bypassed to ground to
improve ripple rejection. This capacitor (CAdj) prevents ripple
from being amplified as the output voltage is increased. A
10
µF capacitor should improve ripple rejection about 15 dB
at 120 Hz in a 10 V application.
An output capacitance (CO) in the form of a 1.0 µF
tantalum or 10
µF aluminum electrolytic capacitor is required
for stability.
Protection Diodes
When external capacitors are used with any IC regulator it
is sometimes necessary to add protection diodes to prevent
the capacitors from discharging through low current points
into the regulator.
Figure 18 shows the LM337 with the recommended
protection diodes for output voltages in excess of –25 V or
high capacitance values (CO > 25 µF, CAdj > 10 µF). Diode D1
prevents CO from discharging thru the IC during an input
short circuit. Diode D2 protects against capacitor CAdj
discharging through the IC during an output short circuit. The
combination of diodes D1 and D2 prevents CAdj from the
discharging through the IC during an input short circuit.
Figure 18. Voltage Regulator with Protection Diodes
+
+
Cin
–Vin
R2
CAdj
+
+
1N4002
LM337
Vout
Vout
Vin
D1
1N4002
R1
D2
CO
Adjust
Vout
Figure 19. D2PAK Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length
30
40
50
60
70
80
Minimum
Size Pad
2.0 oz. Copper
L
L
Free Air
Mounted
Vertically
R
θJA
1.0
1.5
2.0
2.5
3.0
3.5
010
20
30
25
15
5.0
L, LENGTH OF COPPER (mm)
PD(max) for TA = +50°C


Similar Part No. - LM337D2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337D2T ONSEMI-LM337D2T Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337D2T ONSEMI-LM337D2T Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337D2TG ONSEMI-LM337D2TG Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337D2TG ONSEMI-LM337D2TG Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337D2TG ONSEMI-LM337D2TG Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
More results

Similar Description - LM337D2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337M ONSEMI-LM337M Datasheet
158Kb / 8P
   MEDIUM CURRENT THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
logo
Shenzhen Jin Yu Semicon...
LM79L12 HTSEMI-LM79L12 Datasheet
988Kb / 2P
   Three-terminal negative voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L08 WINNERJOIN-WEJ78L08_15 Datasheet
143Kb / 1P
   Three-terminal negative voltage regulator
WEJ79L09 WINNERJOIN-WEJ79L09 Datasheet
128Kb / 1P
   Three-terminal negative voltage regulator
logo
Jiangsu Changjiang Elec...
CJ7908 JIANGSU-CJ7908 Datasheet
794Kb / 3P
   Three-terminal negative voltage regulator
CJ7915F JIANGSU-CJ7915F Datasheet
1Mb / 2P
   Three-terminal negative voltage regulator
CJ7912 JIANGSU-CJ7912 Datasheet
788Kb / 3P
   Three-terminal negative voltage regulator
CJ79L05-SOT-23-3L JIANGSU-CJ79L05-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
CJ79L09-SOT-23-3L JIANGSU-CJ79L09-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com