Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B9920-7SI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7B9920-7SI
Description  Low Skew Clock Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9920-7SI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7B9920-7SI Datasheet HTML 1Page - Cypress Semiconductor CY7B9920-7SI Datasheet HTML 2Page - Cypress Semiconductor CY7B9920-7SI Datasheet HTML 3Page - Cypress Semiconductor CY7B9920-7SI Datasheet HTML 4Page - Cypress Semiconductor CY7B9920-7SI Datasheet HTML 5Page - Cypress Semiconductor CY7B9920-7SI Datasheet HTML 6Page - Cypress Semiconductor CY7B9920-7SI Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Low Skew
Clock Buffer
fax id: 3516
CY7B9910
CY7B9920
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
November 1994 – Revised July 7, 1997
1CY 7B9920
Features
• All outputs skew <100 ps typical (250 max.)
• 15- to 80-MHz output operation
• Zero input to output delay
• 50% duty-cycle outputs
• Outputs drive 50
Ω terminated lines
• Low operating current
• 24-pin SOIC package
• Jitter: <200 ps peak to peak, <25 ps RMS
• Compatible with Pentium™-based processors
Functional Description
The CY7B9910 and CY7B9920 Low Skew Clock Buffers offer
low-skew system clock distribution. These multiple-output
clock drivers optimize the timing of high-performance comput-
er systems. Eight individual drivers can each drive terminated
transmission lines with impedances as low as 50
Ω while deliv-
ering minimal and specified output skews and full-swing logic
levels (CY7B9910 TTL or CY7B9920 CMOS).
The completely integrated PLL allows “zero delay” capability.
External divide capability, combined with the internal PLL, allows
distribution of a low-frequency clock that can be multiplied by virtu-
ally any factor at the clock destination. This facility minimizes clock
distribution difficulty while allowing maximum system clock speed
and flexibility.
Block Diagram Description
Phase Frequency Detector and Filter
These two blocks accept inputs from the reference frequency
(REF) input and the feedback (FB) input and generate correc-
tion information to control the frequency of the Voltage-Con-
trolled Oscillator (VCO). These blocks, along with the VCO,
form a Phase-Locked Loop (PLL) that tracks the incoming
REF signal.
VCO
The VCO accepts analog control inputs from the PLL filter
block and generates a frequency. The operational range of the
VCO is determined by the FS control pin.
Test Mode
The TEST input is a three-level input. In normal system oper-
ation, this pin is connected to ground, allowing
the
CY7B9910/CY7B9920 to operate as explained above. (For
testing purposes, any of the three-level inputs can have a re-
movable jumper to ground, or be tied LOW through a 100
resistor. This will allow an external tester to change the state of
these pins.)
If the TEST input is forced to its MID or HIGH state, the device
will operate with its internal phase-locked loop disconnected,
and input levels supplied to REF will directly control all outputs.
Relative output to output functions are the same as in normal
mode.
Pentium is a trademark of Intel Corporation.
Logic Block Diagram
Pin Configuration
7B9910–1
7B9910–2
TEST
FB
REF
Voltage
Controlled
Oscillator
FS
Q0
FILTER
PHASE
FREQ
DET
Q4
Q2
REF
VCCQ
FS
NC
VCCQ
VCCN
Q0
Q1
GND
Q3
VCCN
GND
TEST
NC
GND
VCCN
Q7
Q6
GND
Q5
VCCN
FB
SOIC
Top View
1
2
3
4
5
6
7
8
9
10
11
12
15
16
17
18
19
20
24
23
22
21
13
14
7B9910
7B9920
Q1
Q2
Q3
Q4
Q5
Q6
Q7


Similar Part No. - CY7B9920-7SI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9920-5SC CYPRESS-CY7B9920-5SC Datasheet
371Kb / 11P
   Low Skew Clock Buffer
CY7B9920-5SCT CYPRESS-CY7B9920-5SCT Datasheet
371Kb / 11P
   Low Skew Clock Buffer
CY7B9920-5SI CYPRESS-CY7B9920-5SI Datasheet
371Kb / 11P
   Low Skew Clock Buffer
More results

Similar Description - CY7B9920-7SI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910_07 Datasheet
371Kb / 11P
   Low Skew Clock Buffer
logo
List of Unclassifed Man...
FS6050 ETC1-FS6050 Datasheet
386Kb / 19P
   LOW-SKEW CLOCK FANOUT BUFFER ICs
logo
Cypress Semiconductor
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V_07 Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com