Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS30 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # QS30
Description  QS30 Series Sensor(DC Voltage)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QS30 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  QS30 Datasheet HTML 1Page - Banner Engineering Corp. QS30 Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Supply Voltage
10 V dc to 30 V dc (10% max. ripple) at less than 40 mA, exclusive of load
Protected against reverse polarity and transient voltages
Output Response
Opposed Mode: 5 milliseconds ON and OFF
All others: 2 milliseconds
NOTE: 100 millisecond delay on power-up; outputs do not conduct during this time
Repeatability
Opposed Mode: not applicable
All others: 500 microseconds
Cutoff Point Tolerance
Fixed-Field only: ± 5% of nominal cutoff distance
Construction and Mounting
ABS housing, rated IEC IP67; NEMA 6; Acrylic lens cover
3 mm mounting hardware included
Connections
2 m (6.5 ft) unterminated 5-wire PVC cable; 9 m (30 ft) unterminated 5-wire PVC
cable ; or Integral 5-pin M12/Euro-style male quick disconnect (QD)
Application Tip for the QS30LV Model
For best sensing reliability, targets should be a minimum of 0.5m from the sensor
Output Configuration
Bipolar: One current sourcing and one current sinking
Rating: 100 mA maximum each output at 25 °C
Off-state leakage current:
NPN: less than 200 μA
PNP: less than 10 μA
ON-state saturation voltage:
NPN: less than 1.6 V at 100 mA
PNP: less than 2.0 V at 100 mA
Protected against false pulse on power-up and continuous overload or short circuit of
outputs
Adjustments
Selectable Light/Dark Operate is achieved via the gray wire.
Opposed, Retroreflective, and Polarized Retroreflective models:
Light Operate - Low (0 to 3 V)*
Dark Operate - High (open or 5 to 30 V)*
Diffuse and Fixed-Field models:
Light Operate - High (open or 5 to 30 V)*
Dark Operate - Low (0 to 3 V)*
Diffuse, Retroreflective, and Polarized Retroreflective mode models (only):
Single-turn Sensitivity (Gain) adjustment potentiometer
* Input impedance 10 kΩ
Indicators
2 LEDs on sensor top:
Green
Yellow
On
Power on
Light sensed
Flashing
Output overloaded (except
receivers)
Marginal excess gain (1–1.5×
excess gain)
Large oval LED on sensor back (except emitters): Yellow on indicates the output is
conducting
Operating Conditions
–20 °C to +70 °C (–4 °F to +158 °F)
95% at +50 °C maximum relative humidity (non-condensing)
Vibration and Mechanical Shock
All models meet Mil Std. 202F requirements. Method 201A (vibration: 10 Hz to 60 Hz
max., double amplitude 0.06 inch, maximum acceleration 10G). Also meets IEC
947-5-2 requirements: 30G 11 ms duration, half sine wave.
Certifications
Pending
Dimensions
33.0 mm
(1.30")
16.0 mm
(0.63")
44.0 mm
(1.73")
1.3 mm
(0.05")
22.0 mm
(0.87")
13.0 mm
(0.51")
5.0 mm
(0.20")
35.0 mm
(1.38")
2 x ø3.3 mm (0.125")
max. torque
0.7 Nm (6 in lbs)
M30 x 1.5 Thread
max. torque
6 Nm (53 in lbs)
with included 30 mm
mounting nut
Yellow LED
Output
Indicator
Yellow and Green LEDs
12.5 mm
(0.47")
Cabled Models
QD Models
All measurements are listed in millimeters [inches], unless noted otherwise.
Banner Engineering Corp. Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following the date of shipment. Banner Engineering Corp. will repair or replace, free of charge,
any product of its manufacture which, at the time it is returned to the factory, is found to have been defective during the warranty period. This warranty does not cover damage or liability for misuse, abuse, or
the improper application or installation of the Banner product.
THIS LIMITED WARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER WARRANTIES WHETHER EXPRESS OR IMPLIED (INCLUDING, WITHOUT LIMITATION, ANY WARRANTY OF MERCHANTABILITY OR
FITNESS FOR A PARTICULAR PURPOSE), AND WHETHER ARISING UNDER COURSE OF PERFORMANCE, COURSE OF DEALING OR TRADE USAGE.
This Warranty is exclusive and limited to repair or, at the discretion of Banner Engineering Corp., replacement. IN NO EVENT SHALL BANNER ENGINEERING CORP. BE LIABLE TO BUYER OR ANY OTHER
PERSON OR ENTITY FOR ANY EXTRA COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL, CONSEQUENTIAL OR SPECIAL DAMAGES RESULTING FROM ANY PRODUCT DEFECT OR
FROM THE USE OR INABILITY TO USE THE PRODUCT, WHETHER ARISING IN CONTRACT OR WARRANTY, STATUTE, TORT, STRICT LIABILITY, NEGLIGENCE, OR OTHERWISE.
Banner Engineering Corp. reserves the right to change, modify or improve the design of the product without assuming any obligations or liabilities relating to any product previously manufactured by Banner
Engineering Corp. Any misuse, abuse, or improper application or installation of this product or use of the product for personal protection applications when the product is identified as not intended for such
purposes will void the product warranty. Any modifications to this product without prior express approval by Banner Engineering Corp will void the product warranties. All specifications published in this
document are subject to change; Banner reserves the right to modify product specifications or update documentation at any time. Specifications and product information in English supersede that which is
provided in any other language. For the most recent version of any documentation, refer to:
www.bannerengineering.com.
WORLD-BEAM® QS30 Series Sensor (DC Voltage)
© Banner Engineering Corp. All rights reserved


Similar Part No. - QS30

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
QS30LD BANNER-QS30LD Datasheet
583Kb / 12P
   WORLD-BEAM® QS30 Diffuse-Mode Laser Sensor
Rev. E
QS30LDL BANNER-QS30LDL Datasheet
583Kb / 12P
   WORLD-BEAM® QS30 Diffuse-Mode Laser Sensor
Rev. E
QS30LDLQ BANNER-QS30LDLQ Datasheet
583Kb / 12P
   WORLD-BEAM® QS30 Diffuse-Mode Laser Sensor
Rev. E
QS30LDQ BANNER-QS30LDQ Datasheet
583Kb / 12P
   WORLD-BEAM® QS30 Diffuse-Mode Laser Sensor
Rev. E
QS30WEQ BANNER-QS30WEQ Datasheet
439Kb / 8P
   Sure Cross Performance Node
More results

Similar Description - QS30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM312CV-V01 ETC-SM312CV-V01 Datasheet
1Mb / 14P
   MINI-BEAM® DC Voltage Series Sensor
logo
Tyco Electronics
1310-2A-24.5 MACOM-1310-2A-24.5 Datasheet
321Kb / 1P
   1310 Series DC Voltage Level Sensor, Relay Output
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C87AT AVAGO-ACPL-C87AT Datasheet
1Mb / 14P
   Automotive High Precision DC Voltage Isolation Sensor
logo
Broadcom Corporation.
ACPL-C87AT BOARDCOM-ACPL-C87AT Datasheet
1Mb / 16P
   Automotive High Precision DC Voltage Isolation Sensor
logo
Banner Engineering Corp...
SMA31E BANNER-SMA31E Datasheet
549Kb / 8P
   AC Voltage Series Sensor
SM31E BANNER-SM31E Datasheet
582Kb / 10P
   DC Voltage Series
logo
MultiDimension Technolo...
TMR7903-B MULTIDIMENSION-TMR7903-B Datasheet
525Kb / 4P
   B Series AC Voltage Switch Sensor
Ver 1.2
logo
List of Unclassifed Man...
SM312LVMHS ETC2-SM312LVMHS Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
logo
Banner Engineering Corp...
Q40 BANNER-Q40 Datasheet
318Kb / 6P
   Q40 Sensors: dc-Voltage Series
logo
List of Unclassifed Man...
SM312CV ETC2-SM312CV Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com