Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRR2A12F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TRR2A12F
Description  Miniature, cost-efective switching solution,,state of the art capsule designs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TRR2A12F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TRR2A12F Datasheet HTML 1Page - List of Unclassifed Manufacturers TRR2A12F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T ai-Shing Electronic Com ponents Corp.
www.tai-shing.com .tw
25
▓ M A IN FEAT UR ES
Ÿ Miniature, cost-effective switching solution.
Ÿ State of the art capsule designs.
Ÿ Molded construction for compatibility with automatic board processing.
Ÿ Epoxy-molded dual-in-line package.
Ÿ Completely washable.
▓ A PPL ICAT IONS
Ÿ Measuring equipment, Communication equipment, Control equipment,
A ppliances, etc.
▓ OR DER ING INFOR M AT ION
■ DIM ENSION(unit:mm)
■ DR IL L ING(unit:mm)
■ W IR ING DIA GR A M
SIP Type
1A
1A
TRR-00
(00:PIN OUT 1,3,5,7)
TRR-50
(50:PIN OUT 1,2,6,7)
(With Diode Type Options)
DIP Type
(With Diode Type Options)
1B
1A
2A
1C
TRR
T R R
T ype
N om inal Coil voltage :
N il : Standard
D : DOIDE
Contact A rrangent : 1A , 1B , 1C , 2A ,
F : SIP T ype
D : DIP T ype
S : SM D T ype
05: 5V DC ,
12: 12V DC ,
24: 24V DC ,
1A
05
D
00
D
Function
Special Code :
Package
SIP T ype
00 : pin out 1357
50 : pin out 1267
DIP / SM D T ype
00 : pin out 1267
www.tai-shing.com.tw


Similar Part No. - TRR2A12F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRR-8A33 ETC1-TRR-8A33 Datasheet
63Kb / 1P
   Connectorized High-speed GaAs PIN
logo
Contrinex AG Industrial...
TRR-C23PA-PMS-101 CONTRINEX-TRR-C23PA-PMS-101 Datasheet
893Kb / 6P
   TRANSPARENT REFLEX
TRR-C23PA-PMS-10B CONTRINEX-TRR-C23PA-PMS-10B Datasheet
893Kb / 6P
   TRANSPARENT REFLEX
TRR-C23PA-PMS-603 CONTRINEX-TRR-C23PA-PMS-603 Datasheet
893Kb / 6P
   TRANSPARENT REFLEX
TRR-C23PA-PMS-60D CONTRINEX-TRR-C23PA-PMS-60D Datasheet
893Kb / 6P
   TRANSPARENT REFLEX
More results

Similar Description - TRR2A12F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EDR101A0500Z ETC1-EDR101A0500Z Datasheet
158Kb / 5P
   Miniature,cost-effective switching solution
logo
Omron Electronics LLC
G6SU-2F-DC3 OMRON-G6SU-2F-DC3 Datasheet
135Kb / 2P
   State-of-the-Art SMT Design Industry Standard
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
   State of the art protection for every application
logo
LUMEX INC.
SSL-LX5093YD LUMEX-SSL-LX5093YD Datasheet
99Kb / 3P
   State-of-the-Art, High Brightness Chip Technology
logo
TRINAMIC Motion Control...
TMC6130 TRINAMIC-TMC6130 Datasheet
718Kb / 32P
   Cost-effective high-current BLDC motor driver with state-of-the-art feature set.
logo
List of Unclassifed Man...
S6-DLX ETC2-S6-DLX Datasheet
484Kb / 3P
   Surge Suppressor- State of the art protection for every application
logo
STMicroelectronics
STSAFE-A110 STMICROELECTRONICS-STSAFE-A110 Datasheet
619Kb / 36P
   Authentication, state-of-the-art security for peripherals and IoT devices
December 2019 Rev 1
VIPER53E STMICROELECTRONICS-VIPER53E Datasheet
392Kb / 1P
   STATE OF THE ART PRIMARY SIDE SWITCH FOR AC/DC CONVERTERS
logo
Alpha & Omega Semicondu...
AOZ5166QI-01PR AOSMD-AOZ5166QI-01PR Datasheet
60Kb / 2P
   Versatile synchronous buck power stage feature state-of-the-art technology
logo
Silicon Laboratories
AN840 SILABS-AN840 Datasheet
96Kb / 4P
   Redefining a New State-of-the-Art in Microampere Current-Sense Amplifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com