Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16L2552IJ Datasheet(PDF) 7 Page - Exar Corporation

Part # XR16L2552IJ
Description  2.25V TO 5.5V DUART WITH 16-BYTE FIFO
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L2552IJ Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR16L2552IJ Datasheet HTML 3Page - Exar Corporation XR16L2552IJ Datasheet HTML 4Page - Exar Corporation XR16L2552IJ Datasheet HTML 5Page - Exar Corporation XR16L2552IJ Datasheet HTML 6Page - Exar Corporation XR16L2552IJ Datasheet HTML 7Page - Exar Corporation XR16L2552IJ Datasheet HTML 8Page - Exar Corporation XR16L2552IJ Datasheet HTML 9Page - Exar Corporation XR16L2552IJ Datasheet HTML 10Page - Exar Corporation XR16L2552IJ Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
xr
XR16L2552
REV. 1.1.1
2.25V TO 5.5V DUART WITH 16-BYTE FIFO
7
2.0 FUNCTIONAL DESCRIPTIONS
2.1
CPU Interface
The CPU interface is 8 data bits wide with 3 address lines and control signals to execute data bus read and
write transactions. The L2552 data interface supports the Intel compatible types of CPUs and it is compatible
to the industry standard 16C550 UART. No clock (oscillator nor external clock) is required to operate a data
bus transaction. Each bus cycle is asynchronous using CS#, IOR# and IOW# signals. Both UART channels
share the same data bus for host operations. The data bus interconnections are shown in Figure 3.
.
2.2
5-Volt Tolerant Inputs
The L2552 can accept up to 5V inputs even when operating at 3.3V or 2.5V. But note that if the L2552 is
operating at 2.5V, its VOH may not be high enough to meet the requirements of the VIH of a CPU or a serial
transceiver that is operating at 5V.
2.3
Device Reset
The RESET input resets the internal registers and the serial interface outputs in both channels to their default
state (see the Table 13). An active high pulse of longer than 40 ns duration will be required to activate the
reset function in the device.
2.4
Device Identification and Revision
The L2552 provides a Device Identification code and a Device Revision code to distinguish the part from other
devices and revisions. To read the identification code from the part, it is required to set the baud rate generator
registers DLL and DLM both to 0x00. Now reading the content of the DLM will provide 0x02 to indicate L2552
and reading the content of DLL will provide the revision of the part; for example, a reading of 0x01 means
revision A.
FIGURE 3.
XR16L2552 DATA BUS INTERCONNECTIONS
VCC
VCC
(OP2A#)
DSRA#
CTSA#
RTSA#
DTRA#
RXA
TXA
RIA#
CDA#
(OP2B#)
DSRB#
CTSB#
RTSB#
DTRB#
RXB
TXB
RIB#
CDB#
GND
A0
A1
A2
UART_CS#
UART_CHSEL
IOR#
IOW#
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
CS#
CHSEL
D0
D1
D2
D3
D4
D5
D6
D7
IOR#
IOW#
UART
Channel A
UART
Channel B
UART_INTB
UART_INTA
INTB
INTA
(RXRDYA#)
TXRDYA#
(RXRDYA#)
TXRDYA#
(RXRDYB#)
TXRDYB#
(RXRDYB#)
TXRDYB#
UART_RESET
RESET
RS-232 Serial Interface
RS-232 Serial Interface
(BAUDOUTB#)
(BAUDOUTA#)
Pins in parentheses become available through the MF# pin. MF# A/B becomes RXRDY# A/B when AFR[2:1] = '10'. MF# A/B becomes OP2# A/B
when AFR[2:1] = '00'. MF# A/B becomes BAUDOUT# A/B when AFR[1:0] = '01'. RXRDY# pins available on 48-TQFP package.


Similar Part No. - XR16L2552IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2552IJ EXAR-XR16L2552IJ Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
More results

Similar Description - XR16L2552IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2750 EXAR-XR16L2750_05 Datasheet
820Kb / 48P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2752 EXAR-XR16L2752 Datasheet
806Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750 EXAR-XR16L2750 Datasheet
602Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2751 EXAR-XR16L2751 Datasheet
618Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L2751 EXAR-XR16L2751_05 Datasheet
852Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com