Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VHF28-08IO5 Datasheet(PDF) 1 Page - IXYS Corporation

Part No. VHF28-08IO5
Description  Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VHF28-08IO5 Datasheet(HTML) 1 Page - IXYS Corporation

  VHF28-08IO5 Datasheet HTML 1Page - IXYS Corporation VHF28-08IO5 Datasheet HTML 2Page - IXYS Corporation VHF28-08IO5 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2000 IXYS All rights reserved
1 - 3
I
dAVM
= 32 A
V
RRM = 800-1600 V
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
900
800
VHF 28-08io5
1300
1200
VHF 28-12io5
1500
1400
VHF 28-14io5
1700
1600
VHF 28-16io5
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated.
x for resistive load
IXYS reserves the right to change limits, test conditions and dimensions.
Symbol
Test Conditions
Maximum Ratings
I
dAV
T
K = 85°C, module
28
A
I
dAVM
x
module
32
A
I
FRMS, ITRMS
per leg
23
A
I
FSM, ITSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
300
A
V
R = 0 V
t = 8.3 ms (60 Hz), sine
330
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
270
A
V
R = 0 V
t = 8.3 ms (60 Hz), sine
300
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
440
A2s
V
R = 0 V
t = 8.3 ms (60 Hz), sine
455
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
365
A2s
V
R = 0 V
t = 8.3 ms (60 Hz), sine
370
A2s
(di/dt)
cr
T
VJ = 125°C
repetitive, I
T = 50 A
150
A/
ms
f =50 Hz, t
P =200 ms
V
D = 2/3 VDRM
I
G = 0.3 A,
non repetitive, I
T = 1/2 • IdAV
500
A/
ms
di
G/dt = 0.3 A/ms
(dv/dt)
cr
T
VJ = TVJM;
V
DR = 2/3 VDRM
1000
V/
ms
R
GK = ¥; method 1 (linear voltage rise)
V
RGM
10
V
P
GM
T
VJ = TVJM
t
p =
30
ms
£
10
W
I
T = ITAVM
t
p =
500
ms
£
5W
t
p =
10 ms
£
1W
P
GAVM
0.5
W
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
3000
V~
I
ISOL £ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque
(M5)
2-2.5
Nm
(10-32 UNF)
18-22
lb.in.
Weight
50
g
Features
q
Package with DCB ceramic base plate
q
Isolation voltage 3600 V~
q
Planar passivated chips
q
¼" fast-on terminals
q
UL registered E 72873
Applications
q
Supply for DC power equipment
q
DC motor control
Advantages
q
Easy to mount with two screws
q
Space and weight savings
q
Improved temperature and power
cycling
Dimensions in mm (1 mm = 0.0394")
VHF 28
Half Controlled
Single Phase Rectifier Bridge
with Freewheeling Diode
1
2
3
6
8
4
2
8
6
4
3
1


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn