Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AS136D Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AS136D
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES WITH OPEN-COLLECTOR OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS136D Datasheet(HTML) 3 Page - Texas Instruments

  SN74AS136D Datasheet HTML 1Page - Texas Instruments SN74AS136D Datasheet HTML 2Page - Texas Instruments SN74AS136D Datasheet HTML 3Page - Texas Instruments SN74AS136D Datasheet HTML 4Page - Texas Instruments SN74AS136D Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UNIT
UNIT
VOL
V
TEST CONDITIONS
PARAMETER
PARAMETER
UNIT
ns
ns
Y
Y
SN54ALS136, SN74ALS136
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
WITH OPEN-COLLECTOR OUTPUTS
SDAS162 – MARCH 1984–REVISED OCTOBER 1988
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
3
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Off-state output voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: SN54ALS136
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ALS136
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
SN54ALS136
SN74ALS136
MIN
NOM
MAX
MIN
NOM
MAX
VCC
Supply Voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input Voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
VOH
High-level output current
5.5
5.5
V
IOL
Low-level output current
4
8
mA
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
SN54ALS136
SN74ALS136
MIN
TYP†
MAX
MIN
TYP†
MAX
VIK
VCC = 4.5 V,
II = –18 mA
–1.5
–1.5
V
IOH
VCC = 4.5 V,
VOH = 5.5 V
0.1
0.1
mA
VCC = 4.5 V,
IOL = 4 mA
0.25
0.4
0.25
0.4
VCC = 4.5 V,
IOL = 8 mA
0.35
0.5
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
–0.1
–0.1
mA
ICC
VCC = 5.5 V
All inputs at 4.5 V
3.9
5.9
3.9
5.9
mA
† All typical values are at VCC = 5, TA = 25°C.
switching characteristics (see Note 1)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
FROM
TO
RL = 2 kΩ,
(INPUT)
(OUTPUT)
TA = MIN to MAX
SN54ALS136
SN74ALS136
MIN
MAX
MIN
MAX
tPLH
A or B
20
55
20
50
tPHL
(other input low)
3
18
3
15
tPLH
A or B
20
55
20
50
tPHL
(other input low)
3
18
3
15
NOTE 1: Load circuit and voltage waveforms are shown in Section 1 of the ALS/AS Logic Data Book, 1986.


Similar Part No. - SN74AS136D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS136D TI1-SN74AS136D Datasheet
57Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES WITH OPEN-COLLECTOR OUTPUTS
More results

Similar Description - SN74AS136D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54136 TI-SN54136 Datasheet
190Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE OR GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS136 HITACHI-HD74LS136 Datasheet
45Kb / 5P
   Quadruple 2-input Exclusive-OR Gates(with open collector outputs)
logo
Texas Instruments
SN54ALS136 TI1-SN54ALS136_08 Datasheet
57Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Renesas Technology Corp
HD74LS136 RENESAS-HD74LS136 Datasheet
60Kb / 4P
   Quadruple 2-Input Exclusive-OR Gates (with open collector outputs)
logo
Texas Instruments
SN54LS266 TI-SN54LS266 Datasheet
465Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Renesas Technology Corp
HD74LS266 RENESAS-HD74LS266 Datasheet
146Kb / 4P
   Quadruple 2-input Exclusive-NOR Gates (with open collector outputs)
logo
Texas Instruments
SN74ALS811 TI1-SN74ALS811 Datasheet
80Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
SN54LS266 TI-SN54LS266_07 Datasheet
610Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS266 HITACHI-HD74LS266 Datasheet
46Kb / 5P
   Quadruple 2-input Exclusive-NOR Gates(with open collector outputs)
logo
Texas Instruments
SN74LS266J TI-SN74LS266J Datasheet
483Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com