Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM317L Datasheet(PDF) 6 Page - ON Semiconductor

Part No. LM317L
Description  LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317L Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LM317L Datasheet HTML 2Page - ON Semiconductor LM317L Datasheet HTML 3Page - ON Semiconductor LM317L Datasheet HTML 4Page - ON Semiconductor LM317L Datasheet HTML 5Page - ON Semiconductor LM317L Datasheet HTML 6Page - ON Semiconductor LM317L Datasheet HTML 7Page - ON Semiconductor LM317L Datasheet HTML 8Page - ON Semiconductor LM317L Datasheet HTML 9Page - ON Semiconductor LM317L Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LM317L
6
MOTOROLA ANALOG IC DEVICE DATA
CL = 0.3 µF; CAdj = 10 µF
Figure 11. Temperature Stability
Figure 12. Adjustment Pin Current
Figure 13. Line Regulation
Figure 14. Output Noise
Figure 15. Line Transient Response
Figure 16. Load Transient Response
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
1.0
0.5
0
0
102030
40
t, TIME (
µs)
CL = 1 µF
CL = 0
Vin
Vout = 1.25 V
IL = 20 mA
TJ = 25°C
0.3
0.2
0.1
0
–0.1
–0.2
100
50
0
010
20
30
40
t, TIME (
µs)
CL = 1 µF; CAdj = 10 µF
Vin = 15 V
Vout = 10 V
INL = 50 mA
TJ = 25°C
IL
–50
–25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
1.260
1.250
1.240
1.230
1.220
Vin = 4.2 V
Vout = Vref
IL = 5.0 mA
–50
–25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
80
70
65
60
55
50
45
40
35
Vin = 6.25 V
Vout = Vref
IL = 10 mA
IL = 100 mA
–50
–25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
Vin = 4.25 V to 41.25 V
Vout = Vref
IL = 5 mA
–50
–25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
10
8.0
6.0
4.0
Bandwidth 100 Hz to 10 kHz
–0.3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn